Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSHS-1-D Datasheet(PDF) 1 Page - Major League Electronics

Part # SSHS-1-D
Description  .100 cl Dual Row Socket Strips - Straight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

SSHS-1-D Datasheet(HTML) 1 Page - Major League Electronics

  SSHS-1-D Datasheet HTML 1Page - Major League Electronics SSHS-1-D Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
BSTC,
TSHCR,
BSTCM,
TSHCRE,
BSTCR,
TSHCRSM,
BSTCRSM,
TSHR,
BSTS,
TSHRE,
LBSTCM,
TSHS,
LTSHCR,
TSHSCM,
LTSHCRE,
TSHSM,
LTSHR,
ULTSHSM,
LTSHRE,
ULTSHC,
LTSHSM,
ULTHSCR
TSHC,
Specifications
Insertion Depth: .145 (3,68) to .250 (6,35)
Insertion Force - Per Contact - H Plating:
6oz. (1,67N) avg with .025 (0,64mm) sq. pin
Withdrawal Force - Per Contact - H Plating:
5oz. (1,39N) avg with .025 (0,64mm) sq. pin
Current Rating: 3.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 600V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 20 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Row Specification
D = Double
Pin Option
Polarized Position
Pins Per Row
Lock Tight "LT" (Optional)
SSHS-1 XX
D
XX XX XXX
LF
02
2.54mm
.100
04
3.05mm
.120
06
4.83mm
.190
Ordering Information
11.05mm
.435
11.56mm
.455
13.34mm
.525
Length
Tail Length
XX
08
9.91mm
.390
18.42mm
.725
10
14.22mm
.560
23.50mm
.925
Leave blank if not needed
LT = With
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
- Gold Flash Over Entire Pin
- 10µ Gold on Contact area/Flash on Tail
Plating Options
- Matte Tin all Over
- 10µ Gold on Contact Area / Matte Tin on Tail
G
T
F
GT
- 30µ Gold on Contact Area / Matte Tin on Tail
H
01 - 40
LF = Lead Free
Major League Electronics .100 cl Socket Strips - Straight
11 DEC 06
SSHS-1-D SERIES
Socket Strips - Straight
.100 cl Dual Row


Similar Part No. - SSHS-1-D

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SSHS-1-J MAJOR-LEAGUE-SSHS-1-J Datasheet
97Kb / 2P
   .100 cl Jump Middle Row Sockets Strips - Straight
SSHS-1-S MAJOR-LEAGUE-SSHS-1-S Datasheet
83Kb / 2P
   .100 cl Single Row Socket Strips - Straight
SSHS-1-T MAJOR-LEAGUE-SSHS-1-T Datasheet
112Kb / 2P
   .100 cl Triple Row Socket Strips - Straight
More results

Similar Description - SSHS-1-D

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SSHS-6-D MAJOR-LEAGUE-SSHS-6-D Datasheet
231Kb / 1P
   .050*.100 cl Dual Row - Straight Socket Strips
SSHS-1-S MAJOR-LEAGUE-SSHS-1-S Datasheet
83Kb / 2P
   .100 cl Single Row Socket Strips - Straight
SSHS-1-T MAJOR-LEAGUE-SSHS-1-T Datasheet
112Kb / 2P
   .100 cl Triple Row Socket Strips - Straight
LSSHS-6-D MAJOR-LEAGUE-LSSHS-6-D Datasheet
224Kb / 1P
   .050*.100 cl Dual Row - Straight Low Profile Socket Strips
SSHR-1-D MAJOR-LEAGUE-SSHR-1-D Datasheet
87Kb / 1P
   .100 cl Dual Row - Right Angle Socket Strips
BSSQ-1-D MAJOR-LEAGUE-BSSQ-1-D Datasheet
87Kb / 1P
   .100 cl Dual Row Board Stacker Socket Strips
TSHS-6-D MAJOR-LEAGUE-TSHS-6-D Datasheet
74Kb / 1P
   .050x.100 cl Dual Row - Straight Terminal Strips
BSSQC-1-D MAJOR-LEAGUE-BSSQC-1-D Datasheet
90Kb / 1P
   .100 cl Dual Row Board Stacker Socket Strips - Custom
SSHSM-1-DV MAJOR-LEAGUE-SSHSM-1-DV Datasheet
262Kb / 1P
   .100 cl Dual Row Socket Strips - Surface Mount -Vertical
SSHS-6-S MAJOR-LEAGUE-SSHS-6-S Datasheet
230Kb / 1P
   .050 cl Single Row - Straight Socket Strips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com