Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8502 Datasheet(PDF) 5 Page - Agere Systems

Part # T8502
Description  T8502 and T8503 Dual PCM Codecs with Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8502 Datasheet(HTML) 5 Page - Agere Systems

  T8502 Datasheet HTML 1Page - Agere Systems T8502 Datasheet HTML 2Page - Agere Systems T8502 Datasheet HTML 3Page - Agere Systems T8502 Datasheet HTML 4Page - Agere Systems T8502 Datasheet HTML 5Page - Agere Systems T8502 Datasheet HTML 6Page - Agere Systems T8502 Datasheet HTML 7Page - Agere Systems T8502 Datasheet HTML 8Page - Agere Systems T8502 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Lucent Technologies Inc.
5
Data Sheet
July 1998
T8502 and T8503 Dual PCM Codecs with Filters
Electrical Characteristics (continued)
dc Characteristics (continued)
Table 3. Power Dissipation
Power measurements are made at MCLK = 4.096 MHz with outputs unloaded and ASEL and GS[1:0] not
connected. Clock and frame sync levels are +5 V and 0 V.
Transmission Characteristics
Table 4. Analog Interface
Channels
Operational
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
0
Standby Current
IDDS
MCLK present;
FSX[1:0] = FSR[1:0] = 0 V
5
8
mA
1
Partial Standby Current
IDDP
MCLK present;
FS pulses present for
one channel,
FSX = FSR = 0 V for other
channel
10
16
mA
2
Powerup Current
IDD1
MCLK, FS pulses present
16
23
mA
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Resistance, VFXIN
RVFXI
0.25 V < VFXI < 4.75 V
1.0
60
M
Input Leakage Current, VFXIN
IBVFXI
0.25 V < VFXI < 4.75 V
0.04
2.4
µA
dc Open-loop Voltage Gain, GSX
AVOL
5000
Open-loop Unity Gain Bandwidth, GSX
fO
1
3
MHz
Load Capacitance, GSX
CLX1
50
pF
Load Resistance, GSX
RLX1
10
k
Input Voltage, VFXIN
VIX
Relative to ground
2.25 2.35
2.5
V
Load Resistance, VFRO
RLVFRO
2000
Load Capacitance, VFRO
CLVFRO
100
pF
Output Resistance, VFRO
ROVFRO
0 dBm0, 1020 Hz PCM code
applied to DR
20
Standby mode FSX = FSR = 0 V for
channel under test
3000
10000
Output Voltage, VFRO
VOR
Alternating
± zero µ-law PCM
code applied to DR
2.25 2.38
2.5
V
Output Voltage, VFRO, Standby
VORPD
Standby mode FSX = FSR = 0 V for
channel under test, no load
2.0
2.35
2.65
V
Output Voltage Swing, VFRO
VSWR
RL = 2000
3.2
Vp-p


Similar Part No. - T8502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T850 STMICROELECTRONICS-T850 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B STMICROELECTRONICS-T850-600B Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B-TR STMICROELECTRONICS-T850-600B-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600G STMICROELECTRONICS-T850-600G Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIAC
T850-600G STMICROELECTRONICS-T850-600G Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - T8502

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T7504 AGERE-T7504 Datasheet
221Kb / 18P
   T7504 and T75504 Quad PCM Codecs with Filters
T7502 AGERE-T7502 Datasheet
417Kb / 16P
   T7502 Dual PCM Codec with Filters
T7503 AGERE-T7503 Datasheet
417Kb / 16P
   T7503 Dual PCM Codec with Filters
T7507 AGERE-T7507 Datasheet
558Kb / 30P
   T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Zarlink Semiconductor I...
ZL38005 ZARLINK-ZL38005 Datasheet
115Kb / 8P
   Enhanced Voice Processor with Dual Wideband Codecs
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com