Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8105A Datasheet(PDF) 1 Page - Agere Systems

Part # T8105A
Description  H.100/H.110 Interface and Time-Slot Interchangers
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8105A Datasheet(HTML) 1 Page - Agere Systems

  T8105A Datasheet HTML 1Page - Agere Systems T8105A Datasheet HTML 2Page - Agere Systems T8105A Datasheet HTML 3Page - Agere Systems T8105A Datasheet HTML 4Page - Agere Systems T8105A Datasheet HTML 5Page - Agere Systems T8105A Datasheet HTML 6Page - Agere Systems T8105A Datasheet HTML 7Page - Agere Systems T8105A Datasheet HTML 8Page - Agere Systems T8105A Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
Advisory
January 2000
AmbassadorTM T8100A, T8102, and T8105
H.100/H.110 Interface and Time-Slot Interchangers
Introduction
This advisory describes a flaw in some devices that
the initial factory test program did not detect. The
flaw exists in some version 2 and version 3 T8100A,
T8102, and T8105 devices in both the SQFP and
BGA package types. An enhanced factory test pro-
gram has been in place since January 2000, and all
devices shipped after this date are good devices.
Problem: Data Memory Error
An error in the CAM data memories may cause the
corruption of stream data bits and/or bytes. The prob-
lem may also occur in the microprocessor read path.
Stream data may have an occasional '0' that should
be a '1'. An entire bad byte may also occur. The prob-
lem going away with lower VDD is a prime indicator of
this problem. Not all devices are bad.
Workaround
There is no workaround for this flaw.
Corrective Action
Version 2 and version 3 devices that have the second
line of markings ending with W01, W02, W03, W04,
W05, W06, W07, W08, and W09 may be returned
through Lucent's return material authorization (RMA)
process for replacement or credit. Devices that have
the second line of markings ending with W10, W11,
and W12 are known good devices and do not have to
be returned. To return devices, contact your sales
person for an RMA number. Enter the RMA number
within the following return address:
Lucent Technologies
Christa Bromfield
RMA #______
555 Union Blvd., Rm. 31L-30R BU
Allentown, PA 18103
Explanation of Version Markings
The three versions can be identified by markings on
the device and apply to the T8100A, T8102, and
T8105.
Version 1
If there are only seven digits on the last line of the
device code marking, and there is not an S following
the 4-digit date code, the device is version 1 and
applies to both the SQFP and BGA package types.
Version 2
1.
If there are seven digits on the last line of the
device code followed by a space and the letters
V2, the device is version 2; or
2.
If there is an S following the 4-digit date code on
line 2, the device is version 2. This marking
applies to both SQFP and BGA package types.
Version 3
1.
For the BGA package type, if the first line ends in
BAL3, the device is version 3; or
2.
For the SQFP package type, if the first line ends
in SC3, the device is version 3.


Similar Part No. - T8105A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810 STMICROELECTRONICS-T810 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
T810 STMICROELECTRONICS-T810 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T810-400B STMICROELECTRONICS-T810-400B Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIACS
T810-600B STMICROELECTRONICS-T810-600B Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIACS
T810-600B STMICROELECTRONICS-T810-600B Datasheet
129Kb / 11P
   8A TRIACS
More results

Similar Description - T8105A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8100 AGERE-T8100 Datasheet
1Mb / 92P
   H.100/H.110 Interface and Time-Slot Interchanger
logo
OKI electronic componet...
ML53812-2 OKI-ML53812-2 Datasheet
668Kb / 64P
   H.100/H.110 CT Bus System Interface and Time-Slot Interchange
ML53612 OKI-ML53612 Datasheet
696Kb / 68P
   64-Channel Full Duplex H.100/H.110 CT Bus System Interface and Time-Slot Interchange
logo
Agere Systems
T8110L AGERE-T8110L Datasheet
2Mb / 164P
   Ambassador짰 T8110L H.100/H.110 Switch
logo
Switchcraft, Inc.
H203PC SWITCH-H203PC Datasheet
24Kb / 1P
   SERIES H-100, H-100PC, H-200, H-200PC
logo
Advantech Co., Ltd.
VEGA-2002 ADVANTECH-VEGA-2002 Datasheet
701Kb / 3P
   4K UHD H.265/H.264 Real-Time Encoder and Streaming Module
20-Dec-2022
VEGA-2002 ADVANTECH-VEGA-2002_V01 Datasheet
544Kb / 3P
   4K UHD H.265/H.264 Real-Time Fanless Streaming Box
5-Jan-2023
logo
Schneider Electric
LZ1H6X5FU SCHNEIDER-LZ1H6X5FU Datasheet
105Kb / 3P
   Starter TeSys H 3kW-400V control 110-230VAC
logo
EPCOS
B78421A1709A003 EPCOS-B78421A1709A003 Datasheet
69Kb / 2P
   xDSL Transformers S(H)DSL Interface
B78421P1705A005 EPCOS-B78421P1705A005 Datasheet
58Kb / 2P
   xDSL Transformers S(H)DSL Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com