Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2547P56 Datasheet(PDF) 9 Page - Agere Systems

Part # D2547P56
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2547P56 Datasheet(HTML) 9 Page - Agere Systems

Back Button D2547P56 Datasheet HTML 5Page - Agere Systems D2547P56 Datasheet HTML 6Page - Agere Systems D2547P56 Datasheet HTML 7Page - Agere Systems D2547P56 Datasheet HTML 8Page - Agere Systems D2547P56 Datasheet HTML 9Page - Agere Systems D2547P56 Datasheet HTML 10Page - Agere Systems D2547P56 Datasheet HTML 11Page - Agere Systems D2547P56 Datasheet HTML 12Page - Agere Systems D2547P56 Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet, Rev. 2
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
July 2001
Locker)/D2547P-Type Isolated DFB Laser Modules
9
Agere Systems Inc.
Ordering Information
Table 7. D2587P 20 mW CW Laser with Locker (C- and L-Band) Ordering Information (continued)
Device
Code
ITU-T
Frequency
(THz)
Center
Wavelength
(nm)
Comcode
Device
Code
ITU-T
Frequency
(THz)
Center
Wavelength
(nm)
Comcode
D2587P61
196.1
1528.77
108835422
D2587P41
194.1
1544.53
108835620
D2587P605
196.05
1529.16
108875220
D2587P405
194.05
1544.92
108875444
D2587P60
196.0
1529.55
108835430
D2587P40
194.0
1545.32
108835638
D2587P595
195.95
1529.94
108875238
D2587P395
193.95
1545.72
108875451
D2587P59
195.9
1530.33
108835448
D2587P39
193.9
1546.12
108835646
D2587P585
195.85
1530.72
108875246
D2587P385
193.85
1546.52
108875469
D2587P58
195.8
1531.12
108835455
D2587P38
193.8
1546.92
108835653
D2587P575
195.75
1531.51
108875253
D2587P375
193.75
1547.32
108875477
D2587P57
195.7
1531.90
108835463
D2587P37
193.7
1547.72
108835661
D2587P565
195.65
1532.29
108875261
D2587P365
193.65
1548.11
108875485
D2587P56
195.6
1532.68
108835471
D2587P36
193.6
1548.51
108835679
D2587P555
195.55
1533.07
108875279
D2587P355
193.55
1548.91
108875493
D2587P55
195.5
1533.47
108835489
D2587P35
193.5
1549.32
108835687
D2587P545
195.45
1533.86
108875287
D2587P345
193.45
1549.72
108875501
D2587P54
195.4
1534.25
108835497
D2587P34
193.4
1550.12
108835695
D2587P535
195.35
1534.64
108875303
D2587P335
193.35
1550.52
108875519
D2587P53
195.3
1535.04
108835505
D2587P33
193.3
1550.92
108835703
D2587P525
195.25
1535.43
108875311
D2587P325
193.25
1551.58
108875527
D2587P52
195.2
1535.82
108835513
D2587P32
193.2
1551.72
108835711
D2587P515
195.15
1536.22
108875329
D2587P315
193.15
1552.12
108875535
D2587P51
195.1
1536.61
108835521
D2587P31
193.1
1552.52
108835729
D2587P505
195.05
1537.00
108875345
D2587P305
193.05
1552.93
108875543
D2587P50
195.0
1537.40
108835539
D2587P30
193.0
1553.33
108835737
D2587P495
194.95
1537.79
108875352
D2587P295
192.95
1553.73
108875550
D2587P49
194.9
1538.19
108835547
D2587P29
192.9
1554.13
108835745
D2587P485
194.85
1538.58
108875360
D2587P285
192.85
1554.54
108875568
D2587P48
194.8
1538.98
108835554
D2587P28
192.8
1554.94
108835752
D2587P475
194.75
1539.37
108875378
D2587P275
192.75
1555.34
108875576
D2587P47
194.7
1539.77
108835562
D2587P27
192.7
1555.75
108835760
D2587P465
194.65
1540.16
108875386
D2587P265
192.65
1556.15
108875584
D2587P46
194.6
1540.56
108835570
D2587P26
192.6
1556.55
108835778
D2587P455
194.55
1540.95
108875394
D2587P255
192.55
1556.96
108875592
D2587P45
194.5
1541.35
108835588
D2587P25
192.5
1557.36
108835786
D2587P445
194.45
1541.75
108875402
D2587P245
192.45
1557.77
108875600
D2587P44
194.4
1542.14
108835596
D2587P24
192.4
1558.17
108835794
D2587P435
194.35
1542.54
108875410
D2587P235
192.35
1558.58
108875618
D2587P43
194.3
1542.94
108835604
D2587P23
192.3
1558.98
108835802
D2587P425
194.25
1543.33
108875428
D2587P225
192.25
1559.39
108875626
D2587P42
194.2
1543.73
108835612
D2587P22
192.2
1559.79
108835810
D2587P415
194.15
1544.13
108875436
D2587P215
192.15
1560.20
108875634


Similar Part No. - D2547P56

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D25 OHMITE-D25 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
Bourns Electronic Solut...
D25-CRCW1206 BOURNS-D25-CRCW1206 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - D2547P56

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com