Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7502 Datasheet(PDF) 8 Page - Agere Systems

Part # T7502
Description  T7502 Dual PCM Codec with Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7502 Datasheet(HTML) 8 Page - Agere Systems

Back Button T7502 Datasheet HTML 4Page - Agere Systems T7502 Datasheet HTML 5Page - Agere Systems T7502 Datasheet HTML 6Page - Agere Systems T7502 Datasheet HTML 7Page - Agere Systems T7502 Datasheet HTML 8Page - Agere Systems T7502 Datasheet HTML 9Page - Agere Systems T7502 Datasheet HTML 10Page - Agere Systems T7502 Datasheet HTML 11Page - Agere Systems T7502 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Lucent Technologies Inc.
Data Sheet
February 1998
T7502 Dual PCM Codec with Filters
Transmission Characteristics (continued)
ac Transmission Characteristics (continued)
Table 9. Noise
Table 10. Receive Gain Relative to Gain at 1.02 kHz
Table 11. Transmit Gain Relative to Gain at 1.02 kHz
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Transmit Noise, A-Law
NXp
Input amplifier gain = 36 dB
–68.5
–68
dBm0p
Receive Noise, A-Law
NRp
PCM code is A-law positive one.
–82
–75
dBm0p
Noise, Single Frequency
NRS
f = 0 kHz—100 kHz,
VFXIN = 0 Vrms, measurement at
VFRO, DR = DX
–53
dBm0
Power Supply Rejection Transmit
PSRX
VDD = 5.0 Vdc + 100 mVrms:
f = 0 kHz—4 kHz
f = 4 kHz—50 kHz
36
30
dB
dB
Power Supply Rejection Receive
PSRX
PCM code is positive one LSB.
VDD = 5.0 Vdc + 100 mVrms:
f = 0 kHz—4 kHz
f = 4 kHz—25 kHz
f = 25 kHz—50 kHz
36
40
30
dB
dB
dB
Spurious Out-of-Band Signals at
VFRO Relative to Input
SOS
0 dBm0, 300 Hz—3400 Hz input
PCM code applied:
4600 Hz—7600 Hz
7600 Hz—8400 Hz
8400 Hz—50 kHz
–30
–40
–30
dB
dB
dB
Frequency (Hz)
Min
Typ
Max
Unit
Below 3000
–0.150
±0.04
0.150
dB
3140
–0.570
±0.04
0.150
dB
3380
–0.735
–0.50
0.010
dB
3860
–10.70
–9.400
dB
4600 and above
–28
dB
Frequency (Hz)
Min
Typ
Max
Unit
16.67
–50
–30
dB
40
–34
–26
dB
50
–36
–30
dB
60
–50
–30
dB
200
–1.800
–0.5
0
dB
300 to 3000
–0.150
±0.04
0.150
dB
3140
–0.570
±0.04
0.150
dB
3380
–0.735
–0.50
0.010
dB
3860
–10.70
–9.400
dB
4600 and above
–32
dB


Similar Part No. - T7502

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
E-SWITCH
T750000 E-SWITCH-T750000 Datasheet
168Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750001 E-SWITCH-T750001 Datasheet
164Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750002 E-SWITCH-T750002 Datasheet
189Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750003 E-SWITCH-T750003 Datasheet
179Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - T7502

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7503 AGERE-T7503 Datasheet
417Kb / 16P
   T7503 Dual PCM Codec with Filters
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com