Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5111-3MYX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5111-3MYX
Description  LM5111 Dual 5A Compound Gate Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5111-3MYX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5111-3MYX Datasheet HTML 6Page - Texas Instruments LM5111-3MYX Datasheet HTML 7Page - Texas Instruments LM5111-3MYX Datasheet HTML 8Page - Texas Instruments LM5111-3MYX Datasheet HTML 9Page - Texas Instruments LM5111-3MYX Datasheet HTML 10Page - Texas Instruments LM5111-3MYX Datasheet HTML 11Page - Texas Instruments LM5111-3MYX Datasheet HTML 12Page - Texas Instruments LM5111-3MYX Datasheet HTML 13Page - Texas Instruments LM5111-3MYX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISOURCE (MAX) :=
TJ(MAX) - TA
TJA · VDIODE
ISINK (MAX) :=
TJ(MAX) - TA
TJA · RDS (ON)
LM5111
SNVS300F – JULY 2004 – REVISED MAY 2011
www.ti.com
Characterization of the LM5111 provides accurate estimates of the transient and quiescent power dissipation
components. At 300 kHz switching frequency and 30 nC load used in the example, the transient power will be 8
mW. The 1 mA nominal quiescent current and 12V VGATE supply produce a 12 mW typical quiescent power.
Therefore the total power dissipation
PD = 0.216 + 0.008 + 0.012 = 0.236W.
(3)
We know that the junction temperature is given by
TJ = PD x θJA + TA
(4)
Or the rise in temperature is given by
TRISE = TJ − TA = PD x θJA
(5)
For SOIC package,
θJA is estimated as 170°C/W for the conditions of natural convection. For VSSOP, θJA is
typically 60°C/W.
Therefore for SOIC TRISE is equal to
TRISE = 0.236 x 170 = 40.1°C
(6)
CONTINUOUS CURRENT RATING OF LM5111
The LM5111 can deliver pulsed source/sink currents of 3A and 5A to capacitive loads. In applications requiring
continuous load current (resistive or inductive loads), package power dissipation, limits the LM5111 current
capability far below the 5A sink/3A source capability. Rated continuous current can be estimated both when
sourcing current to or sinking current from the load. For example when sinking, the maximum sink current can be
calculated as:
where
RDS(on) is the on resistance of lower MOSFET in the output stage of LM5111
(7)
Consider TJ(max) of 125°C and θJA of 170°C/W for an SO-8 package under the condition of natural convection
and no air flow. If the ambient temperature (TA) is 60°C, and the RDS(on) of the LM5111 output at TJ(max) is
2.5
Ω, this equation yields ISINK(max) of 391mA which is much smaller than 5A peak pulsed currents.
Similarly, the maximum continuous source current can be calculated as
where
VDIODE is the voltage drop across hybrid output stage which varies over temperature and can be assumed to
be about 1.1V at TJ(max) of 125°C
(8)
Assuming the same parameters as above, this equation yields ISOURCE(max) of 347mA.
10
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM5111


Similar Part No. - LM5111-3MYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111-3M NSC-LM5111-3M Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
LM5111-3MX NSC-LM5111-3MX Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
More results

Similar Description - LM5111-3MYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6 DIODES-ZXGD3003E6 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com