Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5111-1M Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5111-1M
Description  LM5111 Dual 5A Compound Gate Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5111-1M Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5111-1M Datasheet HTML 5Page - Texas Instruments LM5111-1M Datasheet HTML 6Page - Texas Instruments LM5111-1M Datasheet HTML 7Page - Texas Instruments LM5111-1M Datasheet HTML 8Page - Texas Instruments LM5111-1M Datasheet HTML 9Page - Texas Instruments LM5111-1M Datasheet HTML 10Page - Texas Instruments LM5111-1M Datasheet HTML 11Page - Texas Instruments LM5111-1M Datasheet HTML 12Page - Texas Instruments LM5111-1M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VHIGH
Q2
VGATE
RG
Q1
VTRIG
CIN
LM5111
www.ti.com
SNVS300F – JULY 2004 – REVISED MAY 2011
Thermal Performance
INTRODUCTION
The primary goal of thermal management is to maintain the integrated circuit (IC) junction temperature (TJ) below
a specified maximum operating temperature to ensure reliability. It is essential to estimate the maximum TJ of IC
components in worst case operating conditions. The junction temperature is estimated based on the power
dissipated in the IC and the junction to ambient thermal resistance
θJA for the IC package in the application board
and environment. The
θJA is not a given constant for the package and depends on the printed circuit board
design and the operating environment.
DRIVE POWER REQUIREMENT CALCULATIONS IN LM5111
The LM5111 dual low side MOSFET driver is capable of sourcing/sinking 3A/5A peak currents for short intervals
to drive a MOSFET without exceeding package power dissipation limits. High peak currents are required to
switch the MOSFET gate very quickly for operation at high frequencies.
The schematic above shows a conceptual diagram of the LM5111 output and MOSFET load. Q1 and Q2 are the
switches within the gate driver. RG is the gate resistance of the external MOSFET, and CIN is the equivalent gate
capacitance of the MOSFET. The gate resistance Rg is usually very small and losses in it can be neglected. The
equivalent gate capacitance is a difficult parameter to measure since it is the combination of CGS (gate to source
capacitance) and CGD (gate to drain capacitance). Both of these MOSFET capacitances are not constants and
vary with the gate and drain voltage. The better way of quantifying gate capacitance is the total gate charge QG
in coloumbs. QG combines the charge required by CGS and CGD for a given gate drive voltage VGATE.
Assuming negligible gate resistance, the total power dissipated in the MOSFET driver due to gate charge is
approximated by
PDRIVER = VGATE x QG x FSW
where
FSW = switching frequency of the MOSFET
(1)
For example, consider the MOSFET MTD6N15 whose gate charge specified as 30 nC for VGATE = 12V.
The power dissipation in the driver due to charging and discharging of MOSFET gate capacitances at switching
frequency of 300 kHz and VGATE of 12V is equal to
PDRIVER = 12V x 30 nC x 300 kHz = 0.108W.
(2)
If both channels of the LM5111 are operating at equal frequency with equivalent loads, the total losses will be
twice as this value which is 0.216W.
In addition to the above gate charge power dissipation, - transient power is dissipated in the driver during output
transitions. When either output of the LM5111 changes state, current will flow from VCC to VEE for a very brief
interval of time through the output totem-pole N and P channel MOSFETs. The final component of power
dissipation in the driver is the power associated with the quiescent bias current consumed by the driver input
stage and Under-voltage lockout sections.
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5111


Similar Part No. - LM5111-1M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111-1M NSC-LM5111-1M Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
LM5111-1MX NSC-LM5111-1MX Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
More results

Similar Description - LM5111-1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6 DIODES-ZXGD3003E6 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com