Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R485 Datasheet(PDF) 6 Page - Agere Systems

Part No. R485
Description  R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AGERE [Agere Systems]
Homepage  http://www.agere.com
Logo AGERE - Agere Systems

R485 Datasheet(HTML) 6 Page - Agere Systems

Back Button R485 Datasheet HTML 2Page - Agere Systems R485 Datasheet HTML 3Page - Agere Systems R485 Datasheet HTML 4Page - Agere Systems R485 Datasheet HTML 5Page - Agere Systems R485 Datasheet HTML 6Page - Agere Systems R485 Datasheet HTML 7Page - Agere Systems R485 Datasheet HTML 8Page - Agere Systems R485 Datasheet HTML 9Page - Agere Systems R485 Datasheet HTML 10Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Advance Data Sheet, Rev. 1
October 2001
Recovery for 2.488 Gbits/s Applications
R485-Type Lightwave Receiver with Clock
6
Agere Systems Inc.
Qualification and Reliability
The R485-type receiver is scheduled to complete the following qualification tests to meet the intent of
Telcordia
Technologies GR-468-CORE.
Table 4. R485 Qualification Information
Test
Reference
Conditions
Code
Type
Sample
Size
Pass/Fail Criteria
Note
Mechanical Shock MIL-STD-883
Method 2002
Condition B
5 times/axis
500 G, 1 ms
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Sine Vibration
MIL-STD-883
Method 2007
Condition A
20 G, 20 Hz—2000 Hz
4 min./cycle
4 cycles/axis
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Thermal Shock
MIL-STD-883
Method 1011
∆T = 100 °C
R485
R480
11
Pieces
Physical Attributes
and Leak Check
Qualified by
T48/P172
Solderability
MIL-STD-883
Method 2003
(Package Supplier Test)
Qualified by
T48
Lead
Integrity
MIL-STD-883
Method 2004
(Package Supplier Test)
Qualified by
T48
Solvent
Resistance
MIL-STD-883
Method 2015
(Package Supplier Test)
Qualified by
T48
Fiber Pull
GR-468-CORE
Table 6
1 kg; 3 times; 5 s
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
P172
Accelerating
Aging
(HTOB)
MIL-STD-883
Method 1005
85 °C under bias,
2000 hours
R485
R480
25
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172;
Refer to
Chip Data
High Temperature
Storage
GR-468-CORE
Table 6
85 °C storage,
2000 hours
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Temperature
Cycling
GR-468-CORE
Section 5.20
–40 °C to +85 °C
100 Cycles for Pass/Fail
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Temperature
Humidity Bias
GR-468-CORE
Table 6
85 °C/85% RH
1000 hours
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Internal Water
Vapor
MIL-STD-883
Method 1018
5000 ppm Water Vapor
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
ESD
GR-468-CORE
Section 5.22
Human-Body Model
R485
R480
6
Pieces
Threshold
Minimum: 500 V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn