Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

R485 Datasheet(PDF) 5 Page - Agere Systems

Part No. R485
Description  R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AGERE [Agere Systems]
Homepage  http://www.agere.com
Logo 

R485 Datasheet(HTML) 5 Page - Agere Systems

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Advance Data Sheet, Rev. 1
October 2001
Recovery for 2.488 Gbits/s Applications
R485-Type Lightwave Receiver with Clock
Agere Systems Inc.
5
Characteristic Curves
Figure 1. Clock/Data Alignment
Figure 2. Jitter Transfer
Figure 3. Jitter Tolerance
DATA
CLOCK
50%
CLOCK/DATA ALIGNMENT
1-1313(F)
10
100
1k
10k
100k
1M
10M
(Hz)
–30
–20
–10
0
10
1
0.1
1
10
100
1k
10k
100k
1M
10M
(Hz)
0.001
0.01
0.1
10
100
1
1-1127(F)
1-1128(F)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn