Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2-1393124-0 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 2-1393124-0
Description  On Delay, Time Delay Relay For Plug-In or Panel Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

2-1393124-0 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1219
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
CN1 series
On Delay, Time Delay Relay For
Plug-In or Panel Mounting
• 0.1 sec. to 9,990 hr. timing range
• Fixed input type (120VAC
± 15%)
• 10A output relay with DPDT contacts
• 1/16 DIN style enclosure with 8-pin plug-in base
• Thumbwheel switches for programming delay time
File E22575
File LR15734
Timing Function
On Delay – Output relay turns on at the end of a programmed time interval
which is started by applying input voltage. LED flashes when output relay
is off and is on continuously when the output relay is on. Removal of input
voltage turns off output relay. Reapplying input voltage resets the unit.
SSA-24C667
Mounting Clip
Fits 1.77 x 1.77 (45 x 45) panel cutout.
Mounting Clip Dimensions
Outline Dimensions
Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
Time Base
.1 S = 1/10 Seconds
Timing Range 0.1 to 99.9 Seconds
S = Seconds
Timing Range 1 to 999 Seconds
.1 M = 1/10 Minutes
Timing Range 0.1 to 99.9 Minutes
M = Minutes
Timing Range 1 to 999 Minutes
.1 H = 1/10 Hours
Timing Range 0.1 to 99.9 Hours
H = Hours
Timing Range 1 to 999 Hours
10 H = 10 Hours
Timing Range 10 to 9990 Hours
Mechanical Data
Termination: 8-pin octal style plug.
Enclosure: Black plastic 1/16 DIN (48mm x 48mm) case.
Sockets: Fits either 27E122 or 27E891 (snap-on) screw terminal sockets.
Weight: 4.3 oz. (122g) approximate.
Initial Dielectric Strength
Between Output Poles: 1,500V rms, 60 Hz.
Between Input and Output: 1,500V rms, 60Hz.
Timing Specifications
Timing Ranges: 0.1 to 99.9 / 1 to 999 sec.;
0.1 to 99.9 / 1 to 999 min.;
0.1 to 99.9 / 1 to 999 / 10 to 9,990 hr.
Timing Adjustment: Digital adjustment via thumbwheel switches.
Tolerance:
± 0.05% ± 0.04 sec.*
Repeatability (Including first cycle of operation.): <
± .05% ± 0.04 sec.*
Reset Time (power interruption): 45 ms, typ.; 60 ms, max.
* Timing is synchronized with input voltage frequency. Accuracy is dependent on input
voltage frequency. Tolerance shows maximum variation from utility companies.
Contact Data @ 25
°C
Arrangement: 2 Form C (DPDT).
Material: Silver-cadmium oxide alloy.
Rating: 10A @ 30VDC or 277VAC, resistive;
1/2 HP @ 250VAC; 1/3 HP @ 120VAC.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations, min., at rated load.
.591
(15.0)
1.654
(42.0)
1.890
(48.0)
1.970
(50.0)
2.047
(52.0)
2.283
(58.0)
1.88
(47.8)
1.88
(47.8)
2.83
(71.9)
.32
(8.1)
1.76
(44.7)
.64
(16.3)
3.15
(80.0)
3
1
2
S
INPUT
VOLTAGE
ON
OFF
N.O. RELAY
CONTACTS
ON
OFF
TIME
Wiring Diagram (Bottom View)
(pins numbered clockwise from keyway)
8
1
INPUT
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -10
°C to +55°C.
Humidity: 85% relative humidity, non-condensing.
Input Voltage & Limits
Input Data @ 25
°C
Voltage: 120VAC
±15%, 60 Hz.
Power Requirement: 3VA @ 120VAC.
Transient Protection: 13 Joule MOV.
Nominal
Minimum
Maximum
Voltage
Voltage
Voltage
120VAC
102VAC
138VAC
Accessory
Part Number
Name
Description
SSA-24C667
Mounting Clip
Ratchet-fit clip slides onto CN1 from behind
to secure CN1 in panel mount applications.
Time Delay Relay
Input Voltage
Part Number
120VAC
CN1
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn