Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT8850 Datasheet(PDF) 9 Page - Agere Systems

Part # ORT8850
Description  Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORT8850 Datasheet(HTML) 9 Page - Agere Systems

Back Button ORT8850 Datasheet HTML 5Page - Agere Systems ORT8850 Datasheet HTML 6Page - Agere Systems ORT8850 Datasheet HTML 7Page - Agere Systems ORT8850 Datasheet HTML 8Page - Agere Systems ORT8850 Datasheet HTML 9Page - Agere Systems ORT8850 Datasheet HTML 10Page - Agere Systems ORT8850 Datasheet HTML 11Page - Agere Systems ORT8850 Datasheet HTML 12Page - Agere Systems ORT8850 Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
Agere Systems Inc.
9
Data Sheet
August 2001
Eight-Channel x 850 Mbits/s Backplane Transceiver
ORCA ORT8850 FPSC
Description (continued)
The SLIC is connected from PLC routing resources
and from the outputs of the PFU. It contains eight 3-
state, bidirectional buffers, and logic to perform up to a
10-bit AND function for decoding, or an AND-OR with
optional INVERT to perform PAL-like functions. The 3-
state drivers in the SLIC and their direct connections
from the PFU outputs make fast, true, 3-state buses
possible within the FPGA, reducing required routing
and allowing for real-world system performance.
Programmable I/O
The Series 4 PIO addresses the demand for the flexi-
bility to select I/Os that meet system interface require-
ments. I/Os can be programmed in the same manner
as in previous ORCA devices, with the additional new
features which allow the user the flexibility to select
new I/O types that support high-speed interfaces.
Each PIO contains four programmable I/O pads and is
interfaced through a common interface block to the
FPGA array. The PIO is split into two pairs of I/O pads
with each pair having independent clock enables, local
set/reset, and global set/reset. On the input side, each
PIO contains a programmable latch/flip-flop which
enables very fast latching of data from any pad. The
combination provides for very low setup requirements
and zero hold times for signals coming on-chip. It may
also be used to demultiplex an input signal, such as a
multiplexed address/data signal, and register the sig-
nals without explicitly building a demultiplexer with a
PFU.
On the output side of each PIO, an output from the
PLC array can be routed to each output flip-flop, and
logic can be associated with each I/O pad. The output
logic associated with each pad allows for multiplexing
of output signals and other functions of two output sig-
nals.
The output FF, in combination with output signal multi-
plexing, is particularly useful for registering address
signals to be multiplexed with data, allowing a full clock
cycle for the data to propagate to the output. The out-
put buffer signal can be inverted, and the 3-state con-
trol can be made active-high, active-low, or always
enabled. In addition, this 3-state signal can be regis-
tered or nonregistered.
The Series 4 I/O logic has been enhanced to include
modes for speed uplink and downlink capabilities.
These modes are supported through shift register
logic, which divides down incoming data rates or multi-
plies up outgoing data rates. This new logic block also
supports high-speed DDR mode requirements where
data is clocked into and out of the I/O buffers on both
edges of the clock.
The new programmable I/O cell allows designers to
select I/Os which meet many new communication stan-
dards permitting the device to hook up directly without
any external interface translation. They support tradi-
tional FPGA standards as well as high-speed, single-
ended, and differential-pair signaling (as shown in
Table 1). Based on a programmable, bank-oriented I/O
ring architecture, designs can be implemented using
3.3 V, 2.5 V, 1.8 V, and 1.5 V referenced output levels.
Routing
The abundant routing resources of the Series 4 archi-
tecture are organized to route signals individually or as
buses with related control signals. Both local and glo-
bal signals utilize high-speed buffered and nonbuffered
routes. One PLC segmented (x1), six PLC segmented
(x6), and bused half-chip (xHL) routes are patterned
together to provide high connectivity with fast software
routing times and high-speed system performance.
Eight fully distributed primary clocks are routed on a
low-skew, high-speed distribution network and may be
sourced from dedicated I/O pads, PLLs, or the PLC
logic. Secondary and edge-clock routing is available for
fast regional clock or control signal routing for both
internal regions and on device edges. Secondary clock
routing can be sourced from any I/O pin, PLLs, or the
PLC logic.
The improved routing resources offer great flexibility in
moving signals to and from the logic core. This flexibil-
ity translates into an improved capability to route
designs at the required speeds when the I/O signals
have been locked to specific pins.


Similar Part No. - ORT8850

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORT8850 LATTICE-ORT8850 Datasheet
1Mb / 105P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT8850H LATTICE-ORT8850H Datasheet
1Mb / 105P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT8850H-1BM680C LATTICE-ORT8850H-1BM680C Datasheet
1Mb / 105P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT8850H-1BM680I LATTICE-ORT8850H-1BM680I Datasheet
1Mb / 105P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT8850H-1BMN680C LATTICE-ORT8850H-1BMN680C Datasheet
1Mb / 105P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
More results

Similar Description - ORT8850

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORT8850 LATTICE-ORT8850 Datasheet
1Mb / 105P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
logo
Agere Systems
ORT4622 AGERE-ORT4622 Datasheet
1Mb / 90P
   Field-Programmable System Chip (FPSC) Four-Channel x 622 Mbits/s Backplane Transceiver
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
DNC3X3125 AGERE-DNC3X3125 Datasheet
460Kb / 32P
   DNC3X3125 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3625 AGERE-DNC3X3625 Datasheet
464Kb / 32P
   Hex 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3825 AGERE-DNC3X3825 Datasheet
465Kb / 32P
   Octal 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3425 AGERE-DNC3X3425 Datasheet
757Kb / 32P
   DNC3X3425 Quad 10/100 Mbits/s Ethernet Transceiver Macrocell
logo
SMSC Corporation
EVB-USB2514Q36-BAS SMSC-EVB-USB2514Q36-BAS Datasheet
269Kb / 6P
   Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
EVB-USB2517 SMSC-EVB-USB2517 Datasheet
499Kb / 6P
   Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com