Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT4622 Datasheet(PDF) 44 Page - Agere Systems

Part # ORT4622
Description  Field-Programmable System Chip (FPSC) Four-Channel x 622 Mbits/s Backplane Transceiver
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORT4622 Datasheet(HTML) 44 Page - Agere Systems

Back Button ORT4622 Datasheet HTML 40Page - Agere Systems ORT4622 Datasheet HTML 41Page - Agere Systems ORT4622 Datasheet HTML 42Page - Agere Systems ORT4622 Datasheet HTML 43Page - Agere Systems ORT4622 Datasheet HTML 44Page - Agere Systems ORT4622 Datasheet HTML 45Page - Agere Systems ORT4622 Datasheet HTML 46Page - Agere Systems ORT4622 Datasheet HTML 47Page - Agere Systems ORT4622 Datasheet HTML 48Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
ORCA ORT4622 FPSC
Preliminary Data Sheet
Four-Channel x 622 Mbits/s Backplane Transceiver
March 2000
44
Lucent Technologies Inc.
Lucent Technologies Inc.
LVDS I/O (continued)
LVDS Receiver Buffer Requirements
Table 23. LVDS Receiver dc Data
* Buffer will not produce output transition when input is open-circuited.
Note: VDD = 3.1 V—3.5 V, 0 °C —125 °C, slow-fast process.
Table 24. LVDS Receiver ac Data
Table 25. LVDS Receiver Power Consumption
Table 26. LVDS Operating Parameters
Note: Under worst-case operating condition, the LVDS driver will withstand a disabled or unpowered receiver for an
unlimited period of time without being damaged. Similarly, when outputs are short-circuited to each other or to
ground, the LVDS will not suffer permanent damage. The LVDS driver supports hot-insertion. Under a well-controlled environment,
the LVDS I/O can drive backplane as well as cable.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Receiver Input Voltage Range, VIA or
VIB
VI
|VGPD| < 925 mVdc 1 MHz
0
1.2
2.4
V
Receiver Input Differential Threshold
|VIDTH||VGPD| < 925 mV 400 MHz
–100
100
mV
Receiver Input Differential Hysteresis
VHYST
VIDTHH – VIDTHL
——
—*
mV
Receiver Differential Input Impedance
RIN
With built-in termination,
center-tapped
80
100
120
Symbol
Parameter
Test Conditions
Min
Max
Unit
TPWD
Receiver Output Pulse-width Distortion
|VIDTH| = 100 mV
311 MHz
—TBD
ps
TPLH,
TPHL
Propagation Delay Time
CL = 1.5 pF
0.75
0.74
1.65
1.82
ns
With Common-mode Variation, (0 V to 2.4 V)
CL = 1.5 pF
50
ps
TRISE
Receiver Output Signal Rise Time, VOD 20% to 80%
CL = 1.5 pF
150
350
ps
TFALL
Receiver Output Signal Fall Time, VOD 80% to 20%
CL = 1.5 pF
150
350
ps
Symbol
Parameter
Test Conditions
Min
Max
Unit
PRdc
Receiver dc Power
dc
34.8
mW
PRac
Receiver ac Power
ac, CL = 1.5 pF
0.026
mW/MHz
Parameter
Test Conditions
Min
Normal
Max
Unit
Transmit Termination Resistor
100
Receiver Termination Resistor
50
Temperature Range
–40
125
°C
Power Supply VDD
3.1
3.5
V
Power Supply VSS
——
0
V


Similar Part No. - ORT4622

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORT42G5 LATTICE-ORT42G5 Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BM484C LATTICE-ORT42G5-1BM484C Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BM484I LATTICE-ORT42G5-1BM484I Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BMN484C LATTICE-ORT42G5-1BMN484C Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BMN484I LATTICE-ORT42G5-1BMN484I Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
More results

Similar Description - ORT4622

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORT8850 AGERE-ORT8850 Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
logo
Lattice Semiconductor
ORT8850 LATTICE-ORT8850 Datasheet
1Mb / 105P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
logo
Agere Systems
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
TDAT04622 AGERE-TDAT04622 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
logo
Agere Systems
DNC3X3125 AGERE-DNC3X3125 Datasheet
460Kb / 32P
   DNC3X3125 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3625 AGERE-DNC3X3625 Datasheet
464Kb / 32P
   Hex 10/100 Mbits/s Ethernet Transceiver Macrocell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com