Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3C80 Datasheet(PDF) 80 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 80 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 76Page - Agere Systems OR3C80 Datasheet HTML 77Page - Agere Systems OR3C80 Datasheet HTML 78Page - Agere Systems OR3C80 Datasheet HTML 79Page - Agere Systems OR3C80 Datasheet HTML 80Page - Agere Systems OR3C80 Datasheet HTML 81Page - Agere Systems OR3C80 Datasheet HTML 82Page - Agere Systems OR3C80 Datasheet HTML 83Page - Agere Systems OR3C80 Datasheet HTML 84Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 210 page
background image
80
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Clock Manager (PCM) (continued)
PCM Detailed Programming
Descriptions of bit fields and individual control bits in the PCM control registers are provided in Table 31. Refer to
Figure 46 for more information on the location of the PCM elements that are discussed. In the following discussion,
the duty cycle is in the percentage of the clock period where the clock is high.
Table 31
. PCM Control Registers
Bit #
Function
Register 0—Divider 0 Programming
Bits [3:0]
4-Bit Divider, DIV0, Value. This value enables the input clock to immediately be divided by a
value from 1 to 8. A 0 value (the default) indicates that DIV0 is bypassed (no division). Bypass
incurs less delay than dividing by 1. Hexadecimal values greater than 8 for bits [3:0] yield their
modulo 8 value. For example, if bits [3:0] are 1001 (9 hex), the result is divide by 1 (remainder
9/8 = 1).
Bits [6:4]
Reserved.
Bit 7
DIV 0 Reset Bit. DIV0 may not be reset by GSRN depending on the value of register 7, bit 7.
This bit may be set to 1 to reset DIV0 to its default value. Bit 0 must be set to 0 (the default) to
remove the reset.
Register 1—Divider 1 Programming
Bits [3:0]
4-Bit Divider, DIV1, Value. This value enables the feedback clock to be divided by a value from
1 to 8. A 0 value (the default) indicates that DIV1 is bypassed (no division). Bypass incurs less
delay than dividing by 1. Hexadecimal values greater than 8 for bits [3:0] yield their modulo 8
value. For example, if bits [3:0] are 1001 (9 hex), the result is divide by 1 (remainder 9/8 = 1).
Bits [6:4]
Reserved.
Bit 7
DIV1 Reset Bit. DIV1 may not be reset by GSRN, depending on the value of register 7, bit 7.
This bit may be set to 1 to reset DIV1 to its default value. Bit 0 must be set to 0 (the default) to
remove the reset.
Register 2—Divider 2 Programming
Bits [3:0]
4-Bit Divider, DIV2, Value. This value enables the tapped delay line output clock driven onto
ExpressCLK
to be divided by a value from 1 to 8. A 0 value (the default) indicates that DIV2 is
bypassed (no division). Bypass incurs less delay than dividing by 1. Hexadecimal values greater
than 8 for bits [3:0] yield their modulo 8 value. For example, if bits [3:0] are 1001 (9 hex), the
result is divide by 1 (remainder 9/8 = 1).
Bits [6:4]
Reserved.
Bit 7
DIV2 Reset Bit. DIV2 may not be reset by GSRN, depending on the value of register 7, bit 7.
This bit may be set to 1 to reset DIV2 to its default value. Bit 7 must be set to 0 (the default) to
remove the reset.
Register 3—DLL 2x Duty-Cycle Programming
Bits [2:0]
Duty-cycle selection for the doubled clock period associated with the input clock high. The duty
cycle is (value of bit 6) * 50% + ((value of bits [2:0]) + 1) * 6.25%. See the description for bit 6.
Bits [5:3]
Duty-cycle selection for the doubled clock period associated with the input clock low. The duty
cycle is (value of bit 7) * 50% + ((value of bits [2:0]) + 1) * 6.25%. See the description for bit 7.
Bit 6
Master duty-cycle control for the first clock period of the doubled clock: 0 = less than or equal to
50%, 1 = greater than 50%.
Bit 7
Master duty-cycle control for the second clock period of the doubled clock: 0 = less than or equal
to 50%, 1 = greater than 50%. Example: Both clock periods having a 62.5% duty cycle, bits [7:0]
are 11 001 001.


Similar Part No. - OR3C80

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3C80 AGERE-OR3C80 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C80-4BA352 AGERE-OR3C80-4BA352 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C80-4BA352I AGERE-OR3C80-4BA352I Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C80-4BC432 AGERE-OR3C80-4BC432 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C80-4BC432I AGERE-OR3C80-4BC432I Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3C80

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com