Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3T55 Datasheet(PDF) 99 Page - Agere Systems

Part # OR3T55
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T55 Datasheet(HTML) 99 Page - Agere Systems

Back Button OR3T55 Datasheet HTML 95Page - Agere Systems OR3T55 Datasheet HTML 96Page - Agere Systems OR3T55 Datasheet HTML 97Page - Agere Systems OR3T55 Datasheet HTML 98Page - Agere Systems OR3T55 Datasheet HTML 99Page - Agere Systems OR3T55 Datasheet HTML 100Page - Agere Systems OR3T55 Datasheet HTML 101Page - Agere Systems OR3T55 Datasheet HTML 102Page - Agere Systems OR3T55 Datasheet HTML 103Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 210 page
background image
Lucent Technologies Inc.
99
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
FPGA Configuration Modes (continued)
Daisy-Chaining with Boundary Scan
Multiple FPGAs can be configured through the JTAG ports by using a daisy-chain of the FPGAs. This daisy-chain-
ing operation is available upon initial configuration after powerup, after a power-on reset, after pulling the program
pin to reset the chip, or during a reconfiguration if the EN_JTAG RAM has been set.
All daisy-chained FPGAs are connected in series. Each FPGA reads and shifts the preamble and length count in
on the positive TCK and out on the negative TCK edges.
An upstream FPGA that has received the preamble and length count outputs a high on TDO until it has received
the appropriate number of data frames so that downstream FPGAs do not receive frame start bit pairs. After load-
ing and retransmitting the preamble and length count to a daisy-chain of downstream devices, the lead device
loads its configuration data frames.
The loading of configuration data continues after the lead device had received its configuration read into TDI of
downstream devices on the positive edge of TCK, and shifted out TDO on the negative edge of TCK. Figure 63
shows the connections for loading multiple FPGAs in a JTAG daisy-chain configuration.


Similar Part No. - OR3T55

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T55 AGERE-OR3T55 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3T55-5BA256 AGERE-OR3T55-5BA256 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3T55-5BA256I AGERE-OR3T55-5BA256I Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3T55-5BA352 AGERE-OR3T55-5BA352 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3T55-5BA352I AGERE-OR3T55-5BA352I Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T55

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com