Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3TP12 Datasheet(PDF) 26 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 26 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 22Page - Agere Systems OR3TP12 Datasheet HTML 23Page - Agere Systems OR3TP12 Datasheet HTML 24Page - Agere Systems OR3TP12 Datasheet HTML 25Page - Agere Systems OR3TP12 Datasheet HTML 26Page - Agere Systems OR3TP12 Datasheet HTML 27Page - Agere Systems OR3TP12 Datasheet HTML 28Page - Agere Systems OR3TP12 Datasheet HTML 29Page - Agere Systems OR3TP12 Datasheet HTML 30Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
26
Lucent Technologies Inc.
Lucent Technologies Inc.
Symbol
I/O
Description
Clock
Domain
Target Write Data FIFO Signals (continued)
twlastcycn
I
Target Write Last Data Cycle. This active-low signal has two functions:
a. Indicates that the current Target start address data on twdata (quad-port)
or datatofpga (dual-port with fifo_sel = 1) is the final transfer of the
address phase. taenn is required to be asserted to receive twlastcycn.
b. Indicates that the current Target write data on twdata (quad-port) or
datatofpga (dual-port with fifo_sel = 1) is the final transfer of the data
phase. For single data transfers, it will be asserted on the only word of the
transfer, whereas on bursts, if will be asserted only on the final word.
twdataenn is required to be asserted to receive twlastcycn.
fclk*
twburstpendn
O
Burst Write Data Control. This active-low signal indicates to the Target con-
troller that a write transaction should not be disconnected immediately when
the Target write data FIFO is full, but allow up to eight wait-states to be
inserted. When desasserted, the Target controller will disconnect when the
write FIFOs are full. Once asserted, this signal needs to remain asserted for
a minimum of two pciclk cycles.
pciclk
Target Read Data FIFO Signals
trdataenn
O
Target Read FIFO Data Enable. This active-low signal enables the register-
ing of bus trdata (quad-port mode) or datafmfpga (dual-port mode) into the
Target read data FIFO. trdataenn should not be asserted when the Target
read data FIFO is full (tr_fulln = 0).
fclk*
trdata[17:0]
(quad-port mode)
or
datafmfpga[31:0],
datafmfpgax[3:0]
(dual-port mode)
O
Depending on the OR3TP12 configuration, only one of these buses will be
available to the FPGA application. For Target operations, these buses will
carry the same information, but in different sizes as summarized below:
Target Read Data: Read data to the PCI bus.
Data:
trdata[15:0]
datafmfpga[31:0]
Unused:
trdata[17:16]
datafmfpgax[3:0]
fclk*
tr_afulln
I
Target Read FIFO Almost Full. This active-low signal indicates that the Tar-
get read data FIFO has only four more 64-bit empty locations available.
fclk*
tr_fulln
I
Target Read FIFO Full. This active-low signal indicates that the Target read
data FIFO is full and that no more data can be accepted. trdataenn must not
be asserted when tr_fulln is asserted.
fclk*
trlastcycn
I
Target Read Last Data Cycle. This active-low signal is asserted to indicate
the final cycle of the read data phase. During read bursts, more than one
clock is usually required to transfer a complete data phase; therefore, this
signal will be asserted only on the last data word. During a read burst, trlast-
cycn may remain inactive for longer than it is required by the external
Master, leading to transfer of excess data into the Target read data FIFO. All
excess data will be cleared when the external Master terminates the transac-
tion. trlastcycn will only be active only with an asserted trdataenn.
fclk*
* The source of the clock (fclk1 or fclk2) for the FIFO interface (Master or Target) is selected in the FPSC configuration manager.
PCI Bus Core Detailed Description (continued)
Table 6. Embedded Core/FPGA Interface Signals (continued)


Similar Part No. - OR3TP12

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T125 AGERE-OR3T125 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3T125 AGERE-OR3T125 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3T125-5BA352 AGERE-OR3T125-5BA352 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3T125-5BA352I AGERE-OR3T125-5BA352I Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3T125-5BC432 AGERE-OR3T125-5BC432 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3TP12

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
ORT8850 AGERE-ORT8850 Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
logo
List of Unclassifed Man...
PCI9080 ETC-PCI9080 Datasheet
1Mb / 192P
   12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
logo
Agere Systems
ORT4622 AGERE-ORT4622 Datasheet
1Mb / 90P
   Field-Programmable System Chip (FPSC) Four-Channel x 622 Mbits/s Backplane Transceiver
logo
Lattice Semiconductor
ORT8850 LATTICE-ORT8850 Datasheet
1Mb / 105P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
logo
Applied Micro Circuits ...
S5935 AMCC-S5935 Datasheet
705Kb / 190P
   PCI 5V Bus Master/Target Device 32-bit
logo
PLX Technology
PCI9050 PLX-PCI9050 Datasheet
208Kb / 2P
   Bus Target Interface Chip
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
[Old version datasheet]   programmable system interface
logo
National Semiconductor ...
PC87415 NSC-PC87415 Datasheet
374Kb / 42P
   PCI-IDE DMA Master Mode Interface Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com