Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU5X34F Datasheet(PDF) 3 Page - Agere Systems

Part # LU5X34F
Description  Quad Gigabit Ethernet Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LU5X34F Datasheet(HTML) 3 Page - Agere Systems

  LU5X34F Datasheet HTML 1Page - Agere Systems LU5X34F Datasheet HTML 2Page - Agere Systems LU5X34F Datasheet HTML 3Page - Agere Systems LU5X34F Datasheet HTML 4Page - Agere Systems LU5X34F Datasheet HTML 5Page - Agere Systems LU5X34F Datasheet HTML 6Page - Agere Systems LU5X34F Datasheet HTML 7Page - Agere Systems LU5X34F Datasheet HTML 8Page - Agere Systems LU5X34F Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
Lucent Technologies Inc.
Preliminary Data Sheet
LU5X34F
July 2000
Quad Gigabit Ethernet Transceiver
Functional Description
The LU5X34F transceiver provides for data transmis-
sion over fiber or coaxial media at 1.0 Gbits/s to
1.25 Gbits/s. The block diagram of the quad transceiver
is shown in Figure 1 and the four-channel application
pinout for the 217-pin PBGA package is given in
Figure 3 and Table 3.
Transmitter Section
The transmitter accepts 8b/10b encoded bits in 10-bit
parallel form and converts to serial format for up to
1.25 Gbits/s transmission. The serial nonreturn to zero
(NRZ) bits are then shifted out of the device at a maxi-
mum rate of 1.25 Gbits/s. Internally, the device uses
two parallel shift registers that operate at half rate (i.e.,
a maximum of 625 MHz) for reduced power consump-
tion. The two shift registers drive the PECL output
buffer in an interleaved manner to construct the
1.25 Gbits/s output data stream.
The typical transmit-and-receive, high-speed I/O inter-
facing for a single-channel backplane application is
shown in Figure 9.
The transmit shift register and other circuits are driven
with clocks generated from a 500 MHz—625 MHz inter-
nal clock. This internal clock is sourced from a voltage-
controlled oscillator (VCO) that is locked to the external
reference of 100 MHz—125 MHz. The internal transmit
phase- lock loop multiplies the frequency of the input
reference clock by a factor of 5, and controls the trans-
mit jitter bandwidth with appropriate design of the jitter
transfer function. The transmit phase-lock loop gener-
ates multiple clock phases that are all used by each of
the four receiver circuits. The clock phases are derived
from the transmit VCO.
Receiver Section
Each of the quad receiver circuits recovers clock from
and retimes the serial input data. The data is input to
the receiver on differential PECL buffers. External ter-
mination resistors are supplied by the user in accor-
dance with
ANSI standard, X3T11. The serial
differential inputs, HDINP and HDINN, are ac-coupled
to the device and internally biased to the PECL input
common-mode range center. See Figure 9 for the typi-
cal application and termination of the transmission
lines.
The receiver data-retiming circuit uses a digital timing
recovery loop that compares the phase of the input
data to multiple phases of the on-device VCO in the
transmit section. One of the phases is chosen to retime
the receive data. A digital low-pass filter is used in the
timing recovery loop to reject jitter from the data input.
A novel phase interpolation circuit permits the retiming
clock’s phase to be stepped with fine resolution for pre-
cise alignment of the sampling clock within the data
eye. Use of this digital data locking scheme for each
receiver advantageously avoids the use of multiple
analog phase-lock loops on-device that can potentially
injection lock to one another. Additionally, the digital
data locking loop maintains precise loop dynamics,
hence, the jitter transfer function is process and tem-
perature independent.
Lock to Reference
The receive circuit has two modes of operation: lock to
reference, and lock to data with retiming. When no data
or invalid data is present on the HDINP and HDINN
input pins, the user can program the device to ignore
the input data by setting LCKREFN equal to logic 0. In
this mode, neither the PECL input buffer nor the RX
parallel data bus toggles. In normal operation, the
LCKREFN is a logic 1 and the receiver attempts to lock
to the incoming data. If the input data is invalid or out-
side the nominal ± frequency range, the receive digital
PLL will simply ramp the phase of the output clock until
it locks to data.
Table 1. Receive Circuit Operating Modes*
* REFCLK requirements are given in Table 4, and receive PLL specifications are given in Table 5.
Mode
Lock to Reference
Lock to Receive Data
LCKREFN = 1 (normal operation)
Not applicable.
Continually attempts to lock to
data.
LCKREFN = 0
Lock to clock, output data does not
toggle. Disable PECL input buffer.
Not applicable.


Similar Part No. - LU5X34F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU5-100-1000 ROSENBERGER-LU5-100-1000 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-300 ROSENBERGER-LU5-100-300 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-500 ROSENBERGER-LU5-100-500 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-750 ROSENBERGER-LU5-100-750 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-1000 ROSENBERGER-LU5-101-1000 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
More results

Similar Description - LU5X34F

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7186 VITESSE-VSC7186 Datasheet
221Kb / 16P
   Quad Transceiver for Gigabit Ethernet
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com