Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU5X34F Datasheet(PDF) 11 Page - Agere Systems

Part # LU5X34F
Description  Quad Gigabit Ethernet Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LU5X34F Datasheet(HTML) 11 Page - Agere Systems

Back Button LU5X34F Datasheet HTML 7Page - Agere Systems LU5X34F Datasheet HTML 8Page - Agere Systems LU5X34F Datasheet HTML 9Page - Agere Systems LU5X34F Datasheet HTML 10Page - Agere Systems LU5X34F Datasheet HTML 11Page - Agere Systems LU5X34F Datasheet HTML 12Page - Agere Systems LU5X34F Datasheet HTML 13Page - Agere Systems LU5X34F Datasheet HTML 14Page - Agere Systems LU5X34F Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
Lucent Technologies Inc.
Preliminary Data Sheet
LU5X34F
July 2000
Quad Gigabit Ethernet Transceiver
Input/Output Information (continued)
Table 3c. Pinout—Channel C I/O
Name
Pin
I/O
Level
Description
TXC9
TXC8
TXC7
TXC6
TXC5
TXC4
TXC3
TXC2
TXC1
TXC0
T1
R2
P3
N4
R1
P2
N3
M4
P1
N2
Input
TTL/
CMOS
Channel C, Transmit Data [9:0].
Parallel input bits [9:0], one 10-bit, 8b/10b encoded
data byte, clocked in on the rising edge of TXCLKC.
TXC0 is the LSB.
RXC9
RXC8
RXC7
RXC6
RXC5
RXC4
RXC3
RXC2
RXC1
RXC0
P6
R5
U4
T5
R6
U5
T6
R7
P7
U6
Output
TTL/
CMOS
Channel C, Receive Data [9:0].
Parallel output bits [9:0], one 10-bit data type, clocked-
out on the alternate rising edge of RXCLK0C,
RXCLK1C. RXC0 is the LSB.
TXCLKC
U2
Input
TTL/
CMOS
Transmit Clock (100 MHz—125 MHz).
Used to latch TXC[9:0] data into the LU5X34F.
Synchronous with REFCLK(N)
RXCLK0C
P5
Output
TTL/
CMOS
Channel C, Byte-Align Clock 0.
RXCLK1C
R4
Output
TTL/
CMOS
Channel C, Byte-Align Clock 1.
ENCDETC
L1
Input
TTL/
CMOS
Channel C, Enable-Comma Detect.
COMDETC
T4
Output
TTL/
CMOS
Channel C, Byte-Aligned Comma.
EWRAPC
K3
Input
TTL/
CMOS
Channel C, Loopback at Serial I/O.
LCKREFNC
L4
Input
TTL/
CMOS
Channel C, Lock Receiver to Clock.
HDINCP,
HDINCN
L16, M17
Input
PECL
Channel C, Differential Serial Inputs.
HDOUTCP,
HDOUTCN
M15, M16
Output
PECL
Channel C, Differential Serial Outputs.
LDSTC
L2
Input
TTL/
CMOS
Channel C, Load Test[5:1] Inputs.


Similar Part No. - LU5X34F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU5-100-1000 ROSENBERGER-LU5-100-1000 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-300 ROSENBERGER-LU5-100-300 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-500 ROSENBERGER-LU5-100-500 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-750 ROSENBERGER-LU5-100-750 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-1000 ROSENBERGER-LU5-101-1000 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
More results

Similar Description - LU5X34F

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7186 VITESSE-VSC7186 Datasheet
221Kb / 16P
   Quad Transceiver for Gigabit Ethernet
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com