Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU3X34FTR-HS128-DB Datasheet(PDF) 8 Page - Agere Systems

Part # LU3X34FTR-HS128-DB
Description  Quad 3 V 10/100 Ethernet Transceiver TX/FX
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LU3X34FTR-HS128-DB Datasheet(HTML) 8 Page - Agere Systems

Back Button LU3X34FTR-HS128-DB Datasheet HTML 4Page - Agere Systems LU3X34FTR-HS128-DB Datasheet HTML 5Page - Agere Systems LU3X34FTR-HS128-DB Datasheet HTML 6Page - Agere Systems LU3X34FTR-HS128-DB Datasheet HTML 7Page - Agere Systems LU3X34FTR-HS128-DB Datasheet HTML 8Page - Agere Systems LU3X34FTR-HS128-DB Datasheet HTML 9Page - Agere Systems LU3X34FTR-HS128-DB Datasheet HTML 10Page - Agere Systems LU3X34FTR-HS128-DB Datasheet HTML 11Page - Agere Systems LU3X34FTR-HS128-DB Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LU3X34FTR
Preliminary Data Sheet
Quad 3 V 10/100 Ethernet Transceiver TX/FX
July 2000
8
Lucent Technologies Inc.
Pin Descriptions (continued)
Table 2. Twisted-Pair Magnetic Interface
Table 3. Twisted-Pair Transceiver Control/Transmitter Control
Table 4. MII Interface (RMII Mode)
Pin No.
Pin Name
I/O
Pin Description
6, 11, 28, 33
7, 10, 29, 32
TX+_[0:3]
TX–_[0:3]
O
Transmit Driver Pairs. These pins are used to
transmit 100Base-T MLT-3 signals across Category
5 UTP cable. 10Base-T Manchester signals across
Category 3, 4, or 5 UTP cable in twisted-pair opera-
tion or PECL data in fiber mode.
3, 14, 25, 36
2, 15, 24, 37
RX–_[0:3]
RX+_[0:3]
I
Receive Pair. These pins receive 100Base-T MLT-3
data or 10Base-T Manchester data from the UTP
cable in twisted-pair mode or PECL data in fiber
mode.
Pin No.
Pin Name
I/O
Pin Description
5, 12, 27, 34
REF100_[0:3]
I
Reference Pin for 100 Mbits/s Twisted-Pair
Driver. The value of the connected resistor is 301
Ω.
22
REF10
I
Reference Pin for 10 Mbits/s Twisted-Pair Driver.
The value for the connected resistor is 4.65 k
Ω.
127
ER
I
Transmit Driver Edge Rate Control. When set to 1,
the rise time of the transmit data will be less than
3.5 ns.
41
TPTXTR
I
Network Interface 3-State Control. When high, the
transmit drivers for the four ports are 3-stated.
Pin No.
Pin Name*
I/O
Pin Description
99, 73, 53
TXEN_[1:3]
I
Transmit Enable for Ports 1—3.
113
TXEN_0
I
Transmit Enable for Port 0.
102
RMII_RXER_0
I/O
Receiver Error Output for Port 0. Indicates an
illegal code-group has been received.
112, 111
RMII_TXD_0[0:1]
I
Transmit Data for Port 0.
110, 109
RMII_RXD_0[0:1]
I/O
Receive Data for Port 0.
101
CRS_DV_0/SMII_EN
I/O
CRS_DV Output for Port 0. During reset, this is an
input pin; logic level of 0 at this pin enables RMII
mode. This pin has an internal 40 k
Ω pull-down
resistor that sets the MII interface to RMII mode with-
out an external component. After reset, CRS_DV
output for port 0 is asserted only during receive
activity.
98, 97
RMII_TXD_1[0:1]
I/O
Transmit Data for Port 1.
96, 95
RMII_RXD_1[0:1]
O
Receive Data for Port 1.
94
CRS_DV_1/PHYAD[2]
I/O
CRS_DV Output for Port 1. During reset, this is an
input pin for PHY_address[2] configuration. This pin
has an internal 40 k
Ω pull-down resistor that sets the
PHY_AD[2] to a 0 without an external component.
After reset, CRS_DV output for port 1 and is
asserted only during receive activity.


Similar Part No. - LU3X34FTR-HS128-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LU3X31T-T64 AGERE-LU3X31T-T64 Datasheet
580Kb / 44P
   LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX
More results

Similar Description - LU3X34FTR-HS128-DB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
   NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
AM79C874 AMD-AM79C874 Datasheet
542Kb / 60P
   NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
   10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
   10/100 BASE TX/FX HEX TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
   10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
   10/100 BASE-TX/FX 8 PORT TRANSCEIVER
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
   10/100BASE-TX/FX Octal Transceiver
BCM5208 BOARDCOM-BCM5208 Datasheet
56Kb / 1P
   10/100 BASE-TX QUAD TRANSCEIVER
logo
Agere Systems
LU3X54FT AGERE-LU3X54FT Datasheet
677Kb / 54P
   QUAD-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com