Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SZM04A0A Datasheet(PDF) 5 Page - Seoul Semiconductor

Part No. SZM04A0A
Description  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEOUL [Seoul Semiconductor]
Homepage  http://www.seoulsemicon.com
Logo 

SZM04A0A Datasheet(HTML) 5 Page - Seoul Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Rev. 00
Rev. 00
January.
January. 2012
2012
www.seoulsemicon.com
www.seoulsemicon.com
5
Characteristics of Z4 (SZM04A0A)
Mint white
1. Electro-Optical characteristics at 350mA
2. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [1]
Ф
V
[2]
120
140
lm
Correlated Color Temperature [3]
CCT
-
4400
-
K
CRI
Ra
-
57
-
-
Forward Voltage [4]
VF
-
3.3
3.5
V
Thermal resistance (J to S)
R
θ
J-S
9.9
K /W
View Angle
2
Θ ½
130
deg.
Parameter
Symbol
Value
Unit
Forward Current
IF
500
mA
Power Dissipation
Pd
2.0
W
Junction Temperature
Tj
125(@ IF ≤ 500mA)
ºC
Operating Temperature
Topr
-40 ~ +100
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC
ESD Sensitivity [5]
-
± 6,000V HBM
-
*Notes :
[1] SSC maintains a tolerance of ±10% on flux and power measurements.
[2]
Ф
V is the total luminous flux output as measured with an integrating sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
CCT ±5% tolerance.
[4] Tolerance is ±0.06V on forward voltage measurements
[5] A zener diode is included to protect the product from ESD.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn