Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SZM04A0A Datasheet(PDF) 18 Page - Seoul Semiconductor

Part No. SZM04A0A
Description  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEOUL [Seoul Semiconductor]
Homepage  http://www.seoulsemicon.com
Logo 

SZM04A0A Datasheet(HTML) 18 Page - Seoul Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Rev. 00
Rev. 00
January.
January. 2012
2012
www.seoulsemicon.com
www.seoulsemicon.com
18
Reflow Soldering Conditions / Profile
* Caution
1. Reflow soldering should not be done more than one time.
2. Repairs should not be done after the LEDs have been soldered. When
repair is unavoidable, suitable tools must be used.
3. Die slug is to be soldered.
4. When soldering, do not put stress on the LEDs during heating.
5. After soldering, do not warp the circuit board.
6. Recommend to use a convection type reflow machine with 7 ~ 8 zones.
Pre-heating
200
180
150
0
[°C]
220
240
260
Rising
5 °C/sec
Tm : Reflow machine setting temp (max 30 sec.)
Ts : Surface temp of PCB (min)
Ts : Surface temp of PCB (max)
Ts : Surface temp of PCB (recommend)
Cooling
-5 °C/sec
Time
[ Hr]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn