Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SZM04A0A Datasheet(PDF) 15 Page - Seoul Semiconductor

Part No. SZM04A0A
Description  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEOUL [Seoul Semiconductor]
Homepage  http://www.seoulsemicon.com
Logo 

SZM04A0A Datasheet(HTML) 15 Page - Seoul Semiconductor

Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Rev. 00
Rev. 00
January.
January. 2012
2012
www.seoulsemicon.com
www.seoulsemicon.com
154.0 ~ 177.0
W1
130.0 ~ 140.0
V2
140.0 ~ 154.0
V3
118.5 ~ 130.0
V1
Luminous Flux [lm]
Bin Code
Luminous Flux Bins
The list explains the photometric luminous flux bins for Z-Power LED. Z-Power LED are
tested and binned by photometric luminous flux. Not all bins are available in all colors.
Tolerance : ±10% of Luminous flux value
Forward voltage Bins
Tolerance : ±0.06V
3.25 ~ 3.50
I
3.00 ~ 3.25
H
Forward Voltage [V]
Bin Code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn