Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SZM04A0A Datasheet(PDF) 14 Page - Seoul Semiconductor

Part No. SZM04A0A
Description  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEOUL [Seoul Semiconductor]
Homepage  http://www.seoulsemicon.com
Logo 

SZM04A0A Datasheet(HTML) 14 Page - Seoul Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Rev. 00
Rev. 00
January.
January. 2012
2012
www.seoulsemicon.com
www.seoulsemicon.com
14
IF=350mA, Ta=25
Tolerance
CCT : ±5% of value
CIE x
CIE x
CIE x
CIE x
CIE y
CIE y
CIE y
CIE y
0.3422
0.4849
0.3500
0.5020
0.4006
0.4740
0.3924
0.4604
0.3422
0.4849
0.3500
0.5020
0.3578
0.5191
0.4088
0.4875
0.4006
0.4740
0.3500
0.5020
0.3578
0.5191
0.3734
0.5532
0.4248
0.5141
0.4088
0.4875
0.3578
0.5191
M 1
M 1
M 1
M 1
M 3
M 3
M 3
M 3
M 2
M 2
M 2
M 2
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.44
0.46
0.48
0.50
0.52
0.54
0.56
Mint white
x
M1
M1
M1
M1
M2
M2
M2
M2
M3
M3
M3
M3
Binning Structure


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn