Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8006 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 8006
Description  PRINTED CIRCUIT PINS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

8006 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  8006 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
A HI
C
SIO
N
PRINTED CIRCUIT PINS
www.mill-max.com
 516-922-6000
183
SPECIFICATIONS
PIN MATERIAL:
Brass Alloy 360, 1/2 Hard
(Except where noted)
DIMENSION IN INCHES
TOLERANCES ON:
LENGTHS:
±.005
DIAMETERS: ±.002
ANGLES:
± 2°
3408-X-00-XX-00-00-03-0
Press-fit in .057 mounting hole
3408
0700-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
0700
0272-0-01-XX-00-00-03-0
Press-fit in .057 mounting hole
0272
8006-0-00-XX-00-00-03-0
Press-fit in .034 mounting hole
8006
8000
02XX-0-01-XX-00-00-03-0
Press-fit in .057 mounting hole
0270/0282
0265-0-01-XX-00-00-03-0
Press-fit in .057 mounting hole
0265
3603
0275
9976-0-00-XX-00-00-03-0
Press-fit in .038 mounting hole
9976
Basic Part
Number
Pin Length
A
3408-1
3408-2
.121
.181
Basic Part
Number
Pin
Material
0270-0
0282-0
Ph Br 544 (B2)
Brass 360
ORDER CODE: XXXX - X - 0X - XX - 00 - 00 - XX - 0
BASIC PART #
SPECIFY PIN FINISH:
01 200
μ" TIN/LEAD OVER NICKEL
 80 200
μ" TIN OVER NICKEL (RoHS)
 15 10
μ" GOLD OVER NICKEL (RoHS)
 21 20
μ" GOLD OVER NICKEL (RoHS)
 34 50
μ" GOLD OVER NICKEL (RoHS)
RoHS
2002/95/EC
8000-0-01-XX-00-00-03-0
Press-fit in .057 mounting hole
Accepts wire sizes up to .029” Dia.
0275-0-01-XX-00-00-03-0
Press-fit in .057 mounting hole
Pin material is Ph. Br. 544 (B2)
Accepts wire sizes up to .028” Dia.
3603-0-07-XX-00-00-08-0
Annealed
Wire Crimp Termination. Accepts wire
sizes 20 AWG Max. / 24 AWG Min.


Similar Part No. - 8006

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8006 FILTRAN-8006 Datasheet
200Kb / 1P
   T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
List of Unclassifed Man...
80060 ETC2-80060 Datasheet
211Kb / 1P
   Wiha Quality Tools Dead Blow and Sledge Hammers
logo
Alpha Wire
80061 ALPHAWIRE-80061 Datasheet
42Kb / 2P
   4 Components Cabled
80065 ALPHAWIRE-80065 Datasheet
42Kb / 2P
   3 Components Cabled
More results

Similar Description - 8006

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
182N MILL-MAX-182N Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
183N MILL-MAX-183N Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
182M MILL-MAX-182M Datasheet
287Kb / 1P
   PRINTED CIRCUIT PINS
0257-0-00-01-00-00-03-0 MILL-MAX-0257-0-00-01-00-00-03-0 Datasheet
116Kb / 1P
   PRINTED CIRCUIT PINS
0265-0-01-01-00-00-03-0 MILL-MAX-0265-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
2956-0-00-XX-00-00-03-0 MILL-MAX-2956-0-00-XX-00-00-03-0 Datasheet
210Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00 MILL-MAX-0700-0-00-15-00 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
0259-0-00-01-00-00-03-0 MILL-MAX-0259-0-00-01-00-00-03-0 Datasheet
79Kb / 1P
   PRINTED CIRCUIT PINS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com