Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SZB05A0A Datasheet(PDF) 6 Page - Seoul Semiconductor

Part No. SZB05A0A
Description  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZB05A0A Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SZB05A0A Datasheet HTML 2Page - Seoul Semiconductor SZB05A0A Datasheet HTML 3Page - Seoul Semiconductor SZB05A0A Datasheet HTML 4Page - Seoul Semiconductor SZB05A0A Datasheet HTML 5Page - Seoul Semiconductor SZB05A0A Datasheet HTML 6Page - Seoul Semiconductor SZB05A0A Datasheet HTML 7Page - Seoul Semiconductor SZB05A0A Datasheet HTML 8Page - Seoul Semiconductor SZB05A0A Datasheet HTML 9Page - Seoul Semiconductor SZB05A0A Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
September 2012
September 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
6
3. Characteristics of SZB05A0A (Blue)
V
5
V
r
Reverse Voltage
(Ta=25
℃, RH30%)
Unit
Value
Symbol
Parameter
mA
700
I
F
Forward Current
W
3
P
d
Power Dissipation
ºC
145(@ I
F ≤ 700mA)
T
j
Junction Temperature
ºC
-40 ~ +100
T
opr
Operating Temperature
ºC
-40 ~ +100
T
stg
Storage Temperature
kV
2
-
ESD Sensitivity(HBM) [6]
deg.
128
2
Θ ½
View Angle
K /W
7.0
R
θ
J-S
Thermal resistance (J to S)
V
4.0
3.3
3.0
VF
Forward Voltage [4]
1-2 Absolute Maximum Ratings
1-1 Electro-Optical characteristics at 350mA
Blue
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [1]
Ф
V
[2]
14.5
22
26
lm
Ф
V (Tj=100℃)
-
20
-
Dominant Wavelength[3]
λ
D
453
460
465
nm
*Notes :
[1] SSC maintains a tolerance of ±7% on flux and power measurements.
[2]
Ф
V is the total luminous flux output as measured with an integrating sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate : ±0.005, CCT ±5% tolerance.
[4] Tolerance is ±0.06V on forward voltage measurements
[5] A zener diode is included to protect the product from ESD.
[6] Tolerance is ±2.0 on CRI measurements


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn