Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZB05A0A Datasheet(PDF) 21 Page - Seoul Semiconductor

Part # SZB05A0A
Description  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZB05A0A Datasheet(HTML) 21 Page - Seoul Semiconductor

Back Button SZB05A0A Datasheet HTML 13Page - Seoul Semiconductor SZB05A0A Datasheet HTML 14Page - Seoul Semiconductor SZB05A0A Datasheet HTML 15Page - Seoul Semiconductor SZB05A0A Datasheet HTML 16Page - Seoul Semiconductor SZB05A0A Datasheet HTML 17Page - Seoul Semiconductor SZB05A0A Datasheet HTML 18Page - Seoul Semiconductor SZB05A0A Datasheet HTML 19Page - Seoul Semiconductor SZB05A0A Datasheet HTML 20Page - Seoul Semiconductor SZB05A0A Datasheet HTML 21Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
September 2012
September 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
21
(1) During processing, mechanical stress on the surface should be minimized as much
as possible. Sharp objects of all types should not be used to pierce the sealing
compound.
(2) In general, LEDs should only be handled from the side. By the way, this also applies
to LEDs without a silicone sealant, since the surface can also become scratched.
(3) When populating boards in SMT production, there are basically no restrictions
regarding the form of the pick and place nozzle, except that mechanical pressure
on the surface of the resin must be prevented.
This is assured by choosing a pick and place nozzle which is larger than the LED’s
reflector area.
(4) Silicone differs from materials conventionally used for the manufacturing of LEDs.
These conditions must be considered during the handling of such devices.
Compared to standard encapsulants, silicone is generally softer,
and the surface is more likely to attract dust.
As mentioned previously, the increased sensitivity to dust requires special care
during processing. In cases where a minimal level of dirt and dust particles
cannot be guaranteed, a suitable cleaning solution must be applied to the surface
after the soldering of components.
(5) SSC suggests using isopropyl alcohol for cleaning. In case other solvents are used,
it must be assured that these solvents do not dissolve the package or resin.
Ultrasonic cleaning is not recommended.
Ultrasonic cleaning may cause damage to the LED.
(6) Please do not mold this product into another resin (epoxy, urethane, etc) and
do not handle this product with acid or sulfur material in sealed space.
(7) Avoid leaving fingerprints on silicone resin parts.
11. Handling of Silicone Resin LEDs
21


Similar Part No. - SZB05A0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZB05A0A-TWM SEOUL-SZB05A0A-TWM Datasheet
806Kb / 21P
   Specification
More results

Similar Description - SZB05A0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZR05A0A SEOUL-SZR05A0A Datasheet
820Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZG05A0A SEOUL-SZG05A0A Datasheet
810Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZM04A0A SEOUL-SZM04A0A Datasheet
340Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZFP6F0A SEOUL-SZFP6F0A Datasheet
453Kb / 23P
   Z Power LED - Super high Flux output and high Luminance
SZA05A0A SEOUL-SZA05A0A Datasheet
793Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZ5-P SEOUL-SZ5-P Datasheet
846Kb / 22P
   Z Power LED - Super high Flux output and high Luminance
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com