Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SZB05A0A Datasheet(PDF) 16 Page - Seoul Semiconductor

Part No. SZB05A0A
Description  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEOUL [Seoul Semiconductor]
Homepage  http://www.seoulsemicon.com
Logo 

SZB05A0A Datasheet(HTML) 16 Page - Seoul Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
September 2012
September 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
16
7. Packing
16
1 SIDE
Outer Box Structure
Material : Paper(SW3B(B))
a
b
c
1
HUMIDITY INDICATOR
Aluminum Vinyl Bag
Reel
DESI PAK
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
TYPE
7inch
SIZE (mm)
220
245
245 220
a
b
102
142
c


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn