Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SZB05A0A Datasheet(PDF) 13 Page - Seoul Semiconductor

Part No. SZB05A0A
Description  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEOUL [Seoul Semiconductor]
Homepage  http://www.seoulsemicon.com
Logo 

SZB05A0A Datasheet(HTML) 13 Page - Seoul Semiconductor

Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
September 2012
September 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
13
5. Bin Code Description
Radiant Power (mW)
@ IF = 350mA
Bin
Code
Min.
Max.
M
14.5
19.0
O
19.0
24.5
P
24.5
32.0
Bin Code
Radiant Power (mW)
@ IF = 350mA
Dominant Wavelength (nm)
@ IF = 350mA
Forward Voltage (V)
@ IF = 350mA
O
BB1
H
3.50
3.25
I
Forward Voltage (V)
@ IF = 350mA
Bin
Code
Min.
Max.
H
3.00
3.25
J
3.50
3.75
465
460
BB2
460
453
BB1
Dominant
Wavelength (nm)
@ IF = 350mA
Bin
Code
Min.
Max.
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn