Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MICRO-05 Datasheet(PDF) 2 Page - Major League Electronics

Part No. MICRO-05
Description  .050" Staggered cl IDC Male On Wire Connector Cable Mount With Polarizing Peg
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

MICRO-05 Datasheet(HTML) 2 Page - Major League Electronics

  MICRO-05 Datasheet HTML 1Page - Major League Electronics MICRO-05 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.050" Staggered cl IDC Male On Wire Connector
Cable Mount With Polarizing Peg
MICRO-05 SERIES
26 AUG 10
Revisions
Revision B - (12th May 2011)
Amendment to part number for entire series,
Total Pins has been changed to Pins Per Row.
Therefore MICRO-XX-04 is now MICRO-XX-02
(4 total pins now equals 2 pins per row in part number).
Was:
Total Pins
04, 06, 08, 10, 12, 14, 16, 18, 20
Now:
Pins Per Row
02, 03, 04, 05, 06, 07, 08, 09, 10
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice


Similar Part No. - MICRO-05

ManufacturerPart No.DatasheetDescription
Major League Electronics
Major League Electronic...
MICRO-01 MAJOR-LEAGUE-MICRO-01 Datasheet
143Kb / 2P
   .050" Staggered cl Female on Board Connector Surface Mount Straight With Polarization
MICRO-02 MAJOR-LEAGUE-MICRO-02 Datasheet
139Kb / 2P
   .050" Staggered cl Female on Board Side Entry Connector
MICRO-03 MAJOR-LEAGUE-MICRO-03 Datasheet
151Kb / 2P
   .050" Staggered cl Female on Board Connector Thru Hole Straight With Kinked Pins
MICRO-04 MAJOR-LEAGUE-MICRO-04 Datasheet
183Kb / 2P
   .050" Staggered cl Plug (paddleboard) Connector Thru Hole Straight With Kinked Pins
MICRO-06 MAJOR-LEAGUE-MICRO-06 Datasheet
138Kb / 2P
   .050" Staggered cl Male On Board Connector Surface Mount Straight
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz