Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL9313GP-DT Datasheet(PDF) 9 Page - Agere Systems

Part # LUCL9313GP-DT
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9313GP-DT Datasheet(HTML) 9 Page - Agere Systems

Back Button LUCL9313GP-DT Datasheet HTML 5Page - Agere Systems LUCL9313GP-DT Datasheet HTML 6Page - Agere Systems LUCL9313GP-DT Datasheet HTML 7Page - Agere Systems LUCL9313GP-DT Datasheet HTML 8Page - Agere Systems LUCL9313GP-DT Datasheet HTML 9Page - Agere Systems LUCL9313GP-DT Datasheet HTML 10Page - Agere Systems LUCL9313GP-DT Datasheet HTML 11Page - Agere Systems LUCL9313GP-DT Datasheet HTML 12Page - Agere Systems LUCL9313GP-DT Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
Agere Systems Inc.
9
Pin Information (continued)
Table 1. Pin Descriptions (continued)
Pin
Symbol
Type
Name/Function
8FB1
Polarity Reversal Slowdown Capacitor. Connect a capacitor from this node to ground
to control the rate of battery reversal. If controlled battery reversal is not desired, leave
pin is open.
9LCF
Loop Closure Filter Capacitor. PPM injection can cause false loop closure indication.
Connect a capacitor from this node to VCC to filter the loop closure detector. If loop clo-
sure filtering is not required, leave this node open.
10
BGND
G
Battery Ground. Ground return for the battery supply.
11
RPWR
P
Auxiliary Battery. If a lower-voltage auxiliary battery is used, connect the auxiliary bat-
tery supply to this node. If a power control resistor is used, connect the power control
resistor from this node to VBAT1. If no power control technique is used, connect this node
to VBAT1.
12
VBAT1
P
Office Battery Supply. Negative high-voltage power supply.
13
VBAT1
P
Office Battery Supply. Negative high-voltage power supply.
14
BGND
G
Battery Ground. Ground return for the battery supply.
15
TIE B’
Connect to VREF.
16
TIE A’
Connect to VREF.
17
18
38
NC
No Connect. May not be used as a tie point.
19
RTS
I
Ring Trip Sense. Sense input for the ring trip detector.
20
RSW
O
Ring Lead Ringing Access Switch. Ringing relay connects this pin to pin RRING.
Connect this pin to pin PR through a 400
Ω current-limiting resistor.
21
RRING
I
Ringing Access. Input to solid-state ringing access switch. Connect to ringing genera-
tor.
22
PR
I/O
Protected Ring. The output of the ring driver amplifier and input to loop sensing con-
nected through solid-state break switch. Connect to subscriber loop through overvolt-
age/current protection.
23
PT
I/O
Protected Tip. The output of the tip driver amplifier and input to loop sensing con-
nected through solid-state break switch. Connect to subscriber loop through overvolt-
age/current protection.
24
TRING
O
Tip Ringing Return. Ring relay connects this pin to PT. Connect to ringing supply
return.
25
NSTAT
O
Loop Status. The output of the loop status detector (loop start detector wired-OR with
ring trip detector). This loop status supervision output is not controlled by the data latch.
26
DGND
G
Digital Ground.
27
B2
I
Data Control Input. See Table 2, Control States for details.
28
B1
I
Data Control Input. See Table 2, Control States for details.
29
B0
I
Data Control Input. See Table 2, Control States for details.
30
RESET
I
Reset. A logic low will override the B[0:3] and LATCH inputs and reset the state of the
SLIC to the disconnect state and the switch to the all-off state.
31
LATCH
I
Latch Control Input. Edge-level sensitive control for data latches.
32
VDD
P
5 V Digital Power Supply. 5 V supply for digital circuitry.
33
DGND
G
Digital Ground. Ground return for VDD current.
34
RGDET
O
Ring Ground Detect. When high, this open collector output indicates the presence of a
ring ground or a tip ground. This supervision output may be used in ground start or
common-mode fault detection applications. It has an internal pull-up.


Similar Part No. - LUCL9313GP-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9310AP-D AGERE-LUCL9310AP-D Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
LUCL9310AP-DT AGERE-LUCL9310AP-DT Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
LUCL9310GP-D AGERE-LUCL9310GP-D Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
LUCL9310GP-DT AGERE-LUCL9310GP-DT Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
LUCL9311AP-D AGERE-LUCL9311AP-D Datasheet
852Kb / 50P
   Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
More results

Similar Description - LUCL9313GP-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9310 AGERE-L9310 Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
L9311 AGERE-L9311 Datasheet
852Kb / 50P
   Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
L8574D AGERE-L8574D Datasheet
489Kb / 36P
   L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
   Ringing Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com