Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2587P9145 Datasheet(PDF) 6 Page - Agere Systems

Part # D2587P9145
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2587P9145 Datasheet(HTML) 6 Page - Agere Systems

Back Button D2587P9145 Datasheet HTML 2Page - Agere Systems D2587P9145 Datasheet HTML 3Page - Agere Systems D2587P9145 Datasheet HTML 4Page - Agere Systems D2587P9145 Datasheet HTML 5Page - Agere Systems D2587P9145 Datasheet HTML 6Page - Agere Systems D2587P9145 Datasheet HTML 7Page - Agere Systems D2587P9145 Datasheet HTML 8Page - Agere Systems D2587P9145 Datasheet HTML 9Page - Agere Systems D2587P9145 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
Data Sheet, Rev. 2
Locker)/D2547P-Type Isolated DFB Laser Modules
July 2001
6
Agere Systems Inc.
Characteristics (continued)
Minimum and maximum values are testing requirements. Typical values are device characteristics and are results
of engineering evaluations; they are for information purposes only and are not part of the testing requirements.
* Standard operating condition is 5.0 V reverse bias.
† Ratio of thermistor resistance at 0 °C to thermistor resistance at 50 °C.
* Custom wavelengths available.
† The
ST ferrule key is not aligned to slow axis of fiber. Connector is intended for testing purposes only.
Table 4. D2547P-Type Electrical Characteristics (at 25 °C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Threshold Current
ITH
15
40
mA
Drive Current
LF = 20 mW
165
mA
Laser Forward Voltage
VLF
LF = 20 mW (CW)
2
2.5
V
Monitor Reverse-bias Voltage*
VRMON
—3
5
10
V
Back-facet Monitor Current:
IRMON
PO = 20 mW (CW)
0.2
mA
Monitor Dark Current
ID
IF = 0, VRMON = 5 V
0.01
0.1
µA
Input Impedance
ZIN
——
25
Thermistor Current
ITC
—10
100
µA
Resistance Ratio
9.1
9.6
10.1
Thermistor Resistance
RTH
TL = 25 °C
9.5
10.5
k
Laser Submount Temperature
TLASER
20
35
°C
TEC Current
ITEC
TL = 25 °C, TC = 70 °C
1.7
A
TEC Voltage
VTEC
TL = 25 °C, TC = 70 °C
2.8
V
TEC Capacity
∆TTC = 70 °C
50
°C
Table 5. D2547P-Type Optical Characteristics (at 25 °C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Optical Output Power
PP
—20.0
mW
Center Wavelength*
(See Ordering Information,
page 12.)
λC
TL = TSET
λC = λITU ± 0.1 nm
1528.77
1610.06
nm
Line Width (3 dB full width)
∆λ
CW, PF = 20.0 mW
2
10
MHz
Side-mode Suppression Ratio
SMSR
CW
35
45
dB
Relative Intensity Noise
RIN
CW, PF = 20 mW
200 MHz < f < 10 GHz
–135
dB/Hz
Optical Isolation
TC = 0 °C to 75 °C
30
dB
Optical Polarization Extinction
Ratio
0 °C to 75 °C
20
dB
FM Efficiency
FM
fMOD = 30 kHz,
PF = 20 mW
100
MHz/mA
Wavelength Drift (EOL)
∆λC
Tested over
25-year lifetime
——
±0.1
nm


Similar Part No. - D2587P9145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D2580 SANYO-D2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
D2581 SANYO-D2581 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Toshiba Semiconductor
D2586 TOSHIBA-D2586 Datasheet
211Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
More results

Similar Description - D2587P9145

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com