Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2526G908 Datasheet(PDF) 3 Page - Agere Systems

Part # D2526G908
Description  D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2526G908 Datasheet(HTML) 3 Page - Agere Systems

  D2526G908 Datasheet HTML 1Page - Agere Systems D2526G908 Datasheet HTML 2Page - Agere Systems D2526G908 Datasheet HTML 3Page - Agere Systems D2526G908 Datasheet HTML 4Page - Agere Systems D2526G908 Datasheet HTML 5Page - Agere Systems D2526G908 Datasheet HTML 6Page - Agere Systems D2526G908 Datasheet HTML 7Page - Agere Systems D2526G908 Datasheet HTML 8Page - Agere Systems D2526G908 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet, Rev. 3
D2570, D2526G, D2555 Wavelength-Selected
July 2001
Direct Modulated Isolated DFB Laser Module
Agere Systems Inc.
3
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the performance characteristics of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
* Does not apply to shipping container.
Parameter
Symbol
Min
Max
Unit
Laser Reverse Voltage
VRLMAX
—2
V
dc Forward Current
IFLMAX
—150
mA
Operating Case Temperature Range
TC
–40
70
°C
Storage Case Temperature Range*
Tstg
–40
85
°C
Photodiode Reverse Voltage
VRPDMAX
—10
V
Photodiode Forward Current
IFPDMAX
—2
mA
Handling Precautions
Power Sequencing
To avoid the possibility of damage to the laser module
from power supply switching transients, follow this turn-
on sequence:
1. All ground connections
2. Most negative supply
3. Most positive supply
4. All remaining connections
Reverse the order for the proper turn-off sequence.
Electrostatic Discharge
CAUTION:
This device is susceptible to damage
as a result of electrostatic discharge.
Take proper precautions during both
handling and testing. Follow guide-
lines such as JEDEC Publication No.
108-A (Dec. 1988).
Agere Systems employs a human-body model (HBM)
for ESD-susceptibility testing and protection-design
evaluation. ESD voltage thresholds are dependent on
the critical parameters used to define the model. A
standard HBM (resistance = 1.5 k¾, capacitance =
100 pF) is widely used and, therefore, can be used for
comparison purposes. The HBM ESD threshold pre-
sented here was obtained using these circuit parame-
ters:
Mounting Instructions
The minimum fiber bend radius is 1.23 in (31.25 mm).
To avoid degradation in performance, mount the mod-
ule on the board as follows:
1. Place the bottom flange of the module on a flat heat
sink at least 0.5 in. x 1.180 in. (12.7 mm x 30 mm) in
size. The surface finish of the heat sink should be
better than 32 µin. (0.8 µm), and the surface flatness
must be better than 0.001 in. (25.4 µm). Using ther-
mal conductive grease is optional; however, thermal
performance can be improved by up to 5% if con-
ductive grease is applied between the bottom flange
and the heat sink.
2. Mount four #2-56 screws with Fillister heads
(M2-3 mm) at the four screw hole locations (see
Outline Diagram). The Fillister head diameter must
not exceed 0.140 in. (3.55 mm). Do not apply more
than 1 in./lb. of torque to the screws.
Figure 2. Fillister Head Screw
Parameter
Value
Unit
Human-body Model
>400
V
1-532
Note: Dimensions are in inches and (millimeters).
0.118
(3.00)
0.062 (1.58)
0.140
(3.56)
0.031 (0.79)
0.129 (3.28) R
0.086
(2.18)
0.041 (1.04)


Similar Part No. - D2526G908

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D2526-6002 3M-D2526-6002 Datasheet
1Mb / 6P
   100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
More results

Similar Description - D2526G908

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com