Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MICRO-02 Datasheet(PDF) 1 Page - Major League Electronics

Part No. MICRO-02
Description  .050" Staggered cl Female on Board Side Entry Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

MICRO-02 Datasheet(HTML) 1 Page - Major League Electronics

  MICRO-02 Datasheet HTML 1Page - Major League Electronics MICRO-02 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.050" Staggered cl Female on Board Side Entry Connector
Thru Hole Right Angle With Kinked Pins & Polarization
MICRO-02 SERIES
26 AUG 10
Major League Electronics .050" Staggered cl Female on Board Side Entry Connector - Thru Hole
0.024"
[0.60]
0.100"
[2.54]±0.20
0.100"
[2.54]
10
9
1
2
0.100"
[2.54]±0.10
C±0.20
0.075"
[1.90]
0.138"
[3.50]
0.197"
[5.00]±0.15
0.154"
[3.90]±0.10
0.098"
[2.50]
0.197"
[5.00]±0.15
0.010"
[0.25]
A±0.30
B±0.20
0.050"
[1.27]±0.10
0.157"
[4.00]±0.25
Recommended P.C. Board Layout
Tolerance ±0.05
0.050"
[1.27]
Ø0.031"
[Ø0.80]
0.100"
[2.54]
0.128"
[3.25]
XX
Ordering Information
Pins Per Row
02, 03, 04, 05, 06, 07, 08, 09, 10
LF
Lead Free
MICRO
02
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Specification
Electrical:
Rated Current: 1.0AMP
Contact Resistance: 20mΩ max
Withstand Voltage: 500V AC/DC
Insulation Resistance: 1000MΩ min
Operation Temperature: -40°C to +105°C
Material:
Contact Material: Phosphor Bronze
Contact Plating: Sn Over Ni
Insulator Material: High Temperature Plastic PA46 (UL94V-0), Red
Packing: Tube without Pick and Place Pad
Termination:
PCB
Pins Per
Row
Dimension
Qt'y /
Tube
AB
C
2
7.00
3.81
5.60
82
3
9.54
6.35
8.14
60
4
12.08
8.89
10.68
48
5
14.62
11.43
13.22
39
6
17.16
13.97
15.76
33
7
19.70
16.51
18.30
29
8
22.24
19.05
20.84
26
9
24.78
21.59
23.38
23
10
27.32
24.13
25.92
21
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
MICRO-05 (Wire to Board),
MICRO-06 (Board to Board),
MICRO-07 (Board to Board)


Similar Part No. - MICRO-02

ManufacturerPart No.DatasheetDescription
Major League Electronics
Major League Electronic...
MICRO-01 MAJOR-LEAGUE-MICRO-01 Datasheet
143Kb / 2P
   .050" Staggered cl Female on Board Connector Surface Mount Straight With Polarization
MICRO-03 MAJOR-LEAGUE-MICRO-03 Datasheet
151Kb / 2P
   .050" Staggered cl Female on Board Connector Thru Hole Straight With Kinked Pins
MICRO-04 MAJOR-LEAGUE-MICRO-04 Datasheet
183Kb / 2P
   .050" Staggered cl Plug (paddleboard) Connector Thru Hole Straight With Kinked Pins
MICRO-05 MAJOR-LEAGUE-MICRO-05 Datasheet
157Kb / 2P
   .050" Staggered cl IDC Male On Wire Connector Cable Mount With Polarizing Peg
MICRO-06 MAJOR-LEAGUE-MICRO-06 Datasheet
138Kb / 2P
   .050" Staggered cl Male On Board Connector Surface Mount Straight
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz