Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL9214GAU-DT Datasheet(PDF) 11 Page - Agere Systems

Part # LUCL9214GAU-DT
Description  Low-Cost Ringing SLIC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9214GAU-DT Datasheet(HTML) 11 Page - Agere Systems

Back Button LUCL9214GAU-DT Datasheet HTML 7Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 8Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 9Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 10Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 11Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 12Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 13Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 14Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Preliminary Data Sheet
October 2001
Low-Cost Ringing SLIC
L9214A/G
Agere Systems Inc.
11
Pin Information (continued)
Table 1. Pin Descriptions (continued)
28-Pin
SOG
32-Pin
PLCC
48-Pin
MLCC
Symbol
Type
Name/Function
16
20
23
TRGDET
O
Tip/Ring Ground Detect. When high, this open collector
output indicates the presence of a ring ground or a tip
ground. This supervision output may be used in ground
key or common-mode fault detection applications.
17
21
24
ICM
I
Common-Mode Current Sense. To program tip or ring
ground sense threshold, connect a resistor to VCC and
connect a capacitor to AGND to filter 50/60 Hz. If unused,
the pin is connected to ground.
18
22
25
FB2
Polarity Reversal Slowdown Capacitor. Connect a
capacitor from this node for controlling rate of battery
reversal. Also used for ringing, this pin cannot be left
open.
19
23
26
FB1
Polarity Reversal Slowdown Capacitor. Connect a
capacitor from this node for controlling rate of battery
reversal. Also used for ringing, this pin cannot be left
open.
20
24
29
PT
I/O
Protected Tip. The input to the loop sensing circuit and
output drive of the tip amplifier. Connect to loop through
overvoltage and overcurrent protection.
21
25
31
PR
I/O
Protected Ring. The input to the loop sensing circuit and
output drive of the ring amplifier. Connect to loop through
overvoltage and overcurrent protection.
22
26
33
B3
I
State Control Input.
23
27
34
B2
I
State Control Input.
24
28
35
B1
I
State Control Input.
25
29
36
B0
I
State Control Input.
26
30
38
ITR
I
Transmit Gain. Input to AX amplifier. Connect a resistor
from this node to VTX to set transmit gain. Gain shaping
for termination impedance with a COMBO I codec is also
achieved with a network from this node to VTX.
27
31
40
VTX
O
ac/dc Output Voltage. Output of internal AX amplifier.
The voltage at this pin is directly proportional to the differ-
ential tip/ring current.
28
32
41
TXI
I
ac/dc Separation. Input to internal AAC amplifier. Con-
nect a 0.1
µF capacitor from this pin to VTX.


Similar Part No. - LUCL9214GAU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9215AAU-D AGERE-LUCL9215AAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215AAU-DT AGERE-LUCL9215AAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215ARG-D AGERE-LUCL9215ARG-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-D AGERE-LUCL9215GAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-DT AGERE-LUCL9215GAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
More results

Similar Description - LUCL9214GAU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com