Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9311 Datasheet(PDF) 22 Page - Agere Systems

Part # L9311
Description  Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9311 Datasheet(HTML) 22 Page - Agere Systems

Back Button L9311 Datasheet HTML 18Page - Agere Systems L9311 Datasheet HTML 19Page - Agere Systems L9311 Datasheet HTML 20Page - Agere Systems L9311 Datasheet HTML 21Page - Agere Systems L9311 Datasheet HTML 22Page - Agere Systems L9311 Datasheet HTML 23Page - Agere Systems L9311 Datasheet HTML 24Page - Agere Systems L9311 Datasheet HTML 25Page - Agere Systems L9311 Datasheet HTML 26Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Data Sheet
July 2001
Ringing Relay, and GR-909 Test Access
L9311 Full-Feature SLIC with High Longitudinal Balance,
22
Agere Systems Inc.
Electrical Characteristics (continued)
ac Feed Characteristics
Table 11. ac Feed Characteristics
1. Set externally either by discrete external components or a third- or fourth-generation codec. Any complex impedance R1 + R2 || C between
150
Ω and 1400 Ω can be synthesized.
2. This parameter is not tested in production. It is guaranteed by design and device characterization.
3. VITR transconductance depends on the resistor from ITR to VTX. This gain assumes an ideal 6.34 k
Ω, the recommended value. Positive cur-
rent is defined as the differential current flowing from PT to PR.
Parameter
Min
Typ
Max
Unit
ac Termination Impedance1
150
600
1400
Total Harmonic Distortion (200 Hz—4 kHz)2:
Off-hook
On-hook
0.3
1.0
%
%
Transmit Gain3 f = 1004 Hz, 1020 Hz:
PT/PR Current to VITR
–291
–300
–309
V/A
Receive Gain, f = 1004 Hz, 1020 Hz Open Loop:
RCVP or RCVN to PT—PR (gain = 8)
RCVP or RCVN to PT—PR (gain = 2)
7.76
1.94
8
2
8.24
2.06
ac Feed Resistance (includes internal SLIC ac resistance and
break switch resistance)
50
75
110
Gain vs. Frequency (transmit and receive)2 900
Ω = 2.16 µF Termi-
nation, 1004 Hz Reference:
200 Hz—300 Hz
300 Hz—3.4 kHz
3.4 kHz—20 kHz
20 kHz—266 kHz
–0.3
–0.05
–3.0
0
0
0
0.05
0.05
0.05
2.0
dB
dB
dB
dB
Gain vs. Level (transmit and receive)2 0 dBV Reference:
–55 dB to +3.0 dB
–0.05
0
0.05
dB
Idle-channel Noise (tip/ring) 600
Ω Termination:
Psophometric
C-Message
3 kHz Flat
–82
8
–77
13
20
dBmp
dBrnC
dBrn
Idle-channel Noise (VTX) 600
Ω Termination:
Psophometric
C-Message
3 kHz Flat
–82
8
–77
13
20
dBmp
dBrnC
dBrn


Similar Part No. - L9311

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
More results

Similar Description - L9311

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
   Ringing Subscriber Line Interface Circuit
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com