Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL9219AAR-D Datasheet(PDF) 3 Page - Agere Systems

Part # LUCL9219AAR-D
Description  Low-Cost Line Interface with Reverse Battery and Dual Current Limit
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9219AAR-D Datasheet(HTML) 3 Page - Agere Systems

  LUCL9219AAR-D Datasheet HTML 1Page - Agere Systems LUCL9219AAR-D Datasheet HTML 2Page - Agere Systems LUCL9219AAR-D Datasheet HTML 3Page - Agere Systems LUCL9219AAR-D Datasheet HTML 4Page - Agere Systems LUCL9219AAR-D Datasheet HTML 5Page - Agere Systems LUCL9219AAR-D Datasheet HTML 6Page - Agere Systems LUCL9219AAR-D Datasheet HTML 7Page - Agere Systems LUCL9219AAR-D Datasheet HTML 8Page - Agere Systems LUCL9219AAR-D Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Agere Systems Inc.
3
Data Sheet
November 2001
with Reverse Battery and Dual Current Limit
L9219A/G Low-Cost Line Interface
Description (continued)
Figure 1. Functional Diagram
+
+
+
A = 1
A = –1
POWER CONDITIONING AND REFERENCE
PT
PR
RTSN
RTSP
LCTH
RING TRIP DETECTOR
LOOP CLOSURE DETECTOR
BATTERY FEED
STATE CONTROL
B0
RCVP
RCVN
B1
NSTAT
+
+
TIP/RING
CURRENT
SENSE
B2
A VERSION GAIN = 3.93
G VERSION GAIN = 1
FORWARD AND REVERSE BATTERY
DCOUT
VTX
TG
TXI
VITR
+
AX
RECTIFIER
3
AAC
β = 9.66
β = 41 V/A
TSD
THERMAL
SHUTDOWN
12-3557 (F).c


Similar Part No. - LUCL9219AAR-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9214AA-DT AGERE-LUCL9214AA-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-D AGERE-LUCL9214AAJ-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-DT AGERE-LUCL9214AAJ-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAU-D AGERE-LUCL9214AAU-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214ARG-D AGERE-LUCL9214ARG-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
More results

Similar Description - LUCL9219AAR-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9217A AGERE-L9217A Datasheet
414Kb / 30P
   Low-Cost Line Interface with Reverse Battery and PPM
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Analog Devices
ADA4310-1 AD-ADA4310-1_15 Datasheet
521Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. A
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310 AD-ADA4310 Datasheet
338Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4311-1 AD-ADA4311-1_16 Datasheet
337Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
Analog Devices
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com