Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL9214ARG-DT Datasheet(PDF) 9 Page - Agere Systems

Part # LUCL9214ARG-DT
Description  Low-Cost Ringing SLIC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9214ARG-DT Datasheet(HTML) 9 Page - Agere Systems

Back Button LUCL9214ARG-DT Datasheet HTML 5Page - Agere Systems LUCL9214ARG-DT Datasheet HTML 6Page - Agere Systems LUCL9214ARG-DT Datasheet HTML 7Page - Agere Systems LUCL9214ARG-DT Datasheet HTML 8Page - Agere Systems LUCL9214ARG-DT Datasheet HTML 9Page - Agere Systems LUCL9214ARG-DT Datasheet HTML 10Page - Agere Systems LUCL9214ARG-DT Datasheet HTML 11Page - Agere Systems LUCL9214ARG-DT Datasheet HTML 12Page - Agere Systems LUCL9214ARG-DT Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Preliminary Data Sheet
October 2001
Low-Cost Ringing SLIC
L9214A/G
Agere Systems Inc.
9
Pin Information (continued)
12-3361f(F)
Figure 4. 48-Pin MLCC Diagram
1
3
4
6
7
8
9
10
11
12
2
48
46
45 44
43 42 41 40
38
37
47
13
16 17
18 19
20 21 22 23
24
14
36
33
32
31
30
29
28
27
26
25
35
B3
PT
FB1
NC
NC
PR
FB2
34
39
15
5
NC
IPROG
CF2
RTFLT
B2
B0
35
L9214A/G
48-PIN MLCC
DCOUT
CF1
B1
NC
NC
NC
NC
NC
NC
NC
NC


Similar Part No. - LUCL9214ARG-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9215AAU-D AGERE-LUCL9215AAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215AAU-DT AGERE-LUCL9215AAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215ARG-D AGERE-LUCL9215ARG-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-D AGERE-LUCL9215GAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-DT AGERE-LUCL9215GAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
More results

Similar Description - LUCL9214ARG-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com