Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9310 Datasheet(PDF) 21 Page - Agere Systems

Part # L9310
Description  Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9310 Datasheet(HTML) 21 Page - Agere Systems

Back Button L9310 Datasheet HTML 17Page - Agere Systems L9310 Datasheet HTML 18Page - Agere Systems L9310 Datasheet HTML 19Page - Agere Systems L9310 Datasheet HTML 20Page - Agere Systems L9310 Datasheet HTML 21Page - Agere Systems L9310 Datasheet HTML 22Page - Agere Systems L9310 Datasheet HTML 23Page - Agere Systems L9310 Datasheet HTML 24Page - Agere Systems L9310 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet
July 2001
Full-Feature SLIC, Ringing Relay, and Test Access Device
L9310 Line Interface and Line Access Circuit
Agere Systems Inc.
21
Electrical Characteristics (continued)
Ring Trip Detector
Table 6. Ring Trip Detector
1. The ringing source may be either of the following:
a.) The ringing source consists of the ac and dc voltages added together (battery-backed ringing); the ringing return is ground.
b.) The ringing source consists of only the ac voltage (earth-backed ringing); the ringing return is the dc voltage.
2. NDET must also indicate ring trip when the ac ringing voltage is absent (<5 Vrms) from the ringing source.
3. Pretrip ringing must not be tripped by a 10 k
Ω resistor in parallel with an 8 µF capacitor applied across tip and ring.
PPM
Table 7. PPM
1. PPM signal should be ac coupled into PPMIN.
2. This parameter is not tested in production, it is guaranteed by design and characterization.
Parameter
Min
Typ
Max
Unit
Voltage at Input that will Cause Ring Trip After Appropriate
Zero Crossings
±2.5
±3
±3.5
V
Voltage at Input that will Cause Immediate Ring Trip
±12
±15
±18
V
Ringing Source1:
Frequency (f)
dc Voltage
ac Voltage
19
–39.5
60
20
28
–57
105
Hz
V
Vrms
Ring Trip (NDET = 0)2, 3:
Loop Resistance
Trip Time
NDET Valid
2000
200
80
ms
ms
Parameter
Min
Typ
Max
Unit
PPM Source1:
Frequency (f1)
Frequency (f2)
Input Signal
11.88
15.80
12
16
12.12
16.20
1.0
kHz
kHz
Vrms
Signal Gain (from PPMIN to amplifier outputs)
9
10
11
Harmonic Distortion2
——
5
%
Isolation (nontest states)
65
dB
Isolation (test modes)
50
dB


Similar Part No. - L9310

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9311 AGERE-L9311 Datasheet
852Kb / 50P
   Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
More results

Similar Description - L9310

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9311 AGERE-L9311 Datasheet
852Kb / 50P
   Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
   Ringing Subscriber Line Interface Circuit
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com