Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9219A Datasheet(PDF) 7 Page - Agere Systems

Part # L9219A
Description  Low-Cost Line Interface with Reverse Battery and Dual Current Limit
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9219A Datasheet(HTML) 7 Page - Agere Systems

Back Button L9219A Datasheet HTML 3Page - Agere Systems L9219A Datasheet HTML 4Page - Agere Systems L9219A Datasheet HTML 5Page - Agere Systems L9219A Datasheet HTML 6Page - Agere Systems L9219A Datasheet HTML 7Page - Agere Systems L9219A Datasheet HTML 8Page - Agere Systems L9219A Datasheet HTML 9Page - Agere Systems L9219A Datasheet HTML 10Page - Agere Systems L9219A Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Agere Systems Inc.
7
Data Sheet
November 2001
with Reverse Battery and Dual Current Limit
L9219A/G Low-Cost Line Interface
Absolute Maximum Ratings (at TA = 25
°C)
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Note: The IC can be damaged unless all ground connections are applied before, and removed after, all other connections. Furthermore, when
powering the device, the user must guarantee that no external potential creates a voltage on any pin of the device that exceeds the
device ratings. Some of the known examples of conditions that cause such potentials during powerup are the following:
1. An inductor connected to tip and ring can force an overvoltage on VBAT through the protection devices if the VBAT connection chatters.
2. Inductance in the VBAT lead could resonate with the VBAT filter capacitor to cause a destructive overvoltage.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
5 V Power Supply
VCC
7.0
V
Battery (Talking) Supply
VBAT
–75
V
Logic Input Voltage
–0.5
7.0
V
Analog Input Voltage
–7.0
7.0
V
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
–40
125
°C
Relative Humidity Range
RH
5
95
%
Ground Potential Difference (BGND to AGND)
±3
V
PT or PR Fault Voltage (dc)
VPT, VPR
VBAT – 5
3
V
PT or PR Fault Voltage (10 x 1000
µs)
VPT, VPR
VBAT – 15
15
V
Current into Ring Trip Inputs
IRTSP, IRTSN
±240
µA
Parameter
Min
Typ
Max
Unit
Ambient Temperature
–40
85
°C
VCC Supply Voltage
4.75
5.0
5.25
V
VBAT Supply Voltage
–24
–48
–70
V


Similar Part No. - L9219A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
L9215A AGERE-L9215A Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
L9217A AGERE-L9217A Datasheet
414Kb / 30P
   Low-Cost Line Interface with Reverse Battery and PPM
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
More results

Similar Description - L9219A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9217A AGERE-L9217A Datasheet
414Kb / 30P
   Low-Cost Line Interface with Reverse Battery and PPM
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Analog Devices
ADA4310-1 AD-ADA4310-1_15 Datasheet
521Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. A
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310 AD-ADA4310 Datasheet
338Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4311-1 AD-ADA4311-1_16 Datasheet
337Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
Analog Devices
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com