Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL8560AU-DT Datasheet(PDF) 11 Page - Agere Systems

Part # LUCL8560AU-DT
Description  Low-Power SLIC with Ringing
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL8560AU-DT Datasheet(HTML) 11 Page - Agere Systems

Back Button LUCL8560AU-DT Datasheet HTML 7Page - Agere Systems LUCL8560AU-DT Datasheet HTML 8Page - Agere Systems LUCL8560AU-DT Datasheet HTML 9Page - Agere Systems LUCL8560AU-DT Datasheet HTML 10Page - Agere Systems LUCL8560AU-DT Datasheet HTML 11Page - Agere Systems LUCL8560AU-DT Datasheet HTML 12Page - Agere Systems LUCL8560AU-DT Datasheet HTML 13Page - Agere Systems LUCL8560AU-DT Datasheet HTML 14Page - Agere Systems LUCL8560AU-DT Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Lucent Technologies Inc.
11
Data Sheet
April 2000
L8560 Low-Power SLIC with Ringing
Recommended Operating Conditions
Electrical Characteristics
Minimum and maximum values are testing requirements in the temperature range of 25 °C to 85 °C and battery
range of –24 V to –70 V. These minimum and maximum values are guaranteed to –40 °C based on component
simulations and design verification of samples, but devices are not tested to –40 °C in production. The test circuit
shown in Figure 5 is used, unless otherwise noted. Positive currents flow into the device.
Typical values are characteristics of the device design at 25 °C based on engineering evaluations and are not part
of the test requirements. Supply values used for typical characterization are VCC = 5.0 V, VEE = –5.0 V, VBAT1 =
–48 V, VBAT2 = –25.5 V, unless otherwise noted.
Parameter
Min
Typ
Max
Unit
Ambient Temperature
–40
85
°C
Loop Closure Threshold-detection Programming Range
5
10
ILIM
mA
dc Loop Current-limit Programming Range
5
40
50
mA
On- and Off-hook 2-wire Signal Level (@ ZLOOP = 200
Ω)
2.2
Vrms
ac Termination Impedance Programming Range
150
600
1300
VBAT1
–24
–48
–70
V
VBAT2
–16
VBAT1
V
VCC
4.5
5.0
5.5
V
VEE (L8560C)
–4.75
–5.0
–5.5
V
dc Feed Resistance Programming Range (excl. RP)
55
55
760


Similar Part No. - LUCL8560AU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL8567AAU-D AGERE-LUCL8567AAU-D Datasheet
701Kb / 42P
   SLIC for Peoples Republic of China Applications
LUCL8567AAU-DT AGERE-LUCL8567AAU-DT Datasheet
701Kb / 42P
   SLIC for Peoples Republic of China Applications
LUCL8567AP-D AGERE-LUCL8567AP-D Datasheet
701Kb / 42P
   SLIC for Peoples Republic of China Applications
LUCL8567AP-DT AGERE-LUCL8567AP-DT Datasheet
701Kb / 42P
   SLIC for Peoples Republic of China Applications
More results

Similar Description - LUCL8560AU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com