Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL8574DP-DT Datasheet(PDF) 11 Page - Agere Systems

Part # LUCL8574DP-DT
Description  L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL8574DP-DT Datasheet(HTML) 11 Page - Agere Systems

Back Button LUCL8574DP-DT Datasheet HTML 7Page - Agere Systems LUCL8574DP-DT Datasheet HTML 8Page - Agere Systems LUCL8574DP-DT Datasheet HTML 9Page - Agere Systems LUCL8574DP-DT Datasheet HTML 10Page - Agere Systems LUCL8574DP-DT Datasheet HTML 11Page - Agere Systems LUCL8574DP-DT Datasheet HTML 12Page - Agere Systems LUCL8574DP-DT Datasheet HTML 13Page - Agere Systems LUCL8574DP-DT Datasheet HTML 14Page - Agere Systems LUCL8574DP-DT Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Lucent Technologies Inc.
11
Data Sheet
October 1998
Relay, and Protector (SRP) for Long Loop and TR-57 Applications
L8574D Resistive Subscriber Line Interface Circuit (SLIC), Ring
Electrical Characteristics (continued)
Fault Protection (continued)
Loss of Power Supplies (continued)
Table 7. Analog Signal Pins
1. Connected per Figure 5.
2. A battery or ground short on PT, PR, or XMT shall not cause a device failure.
3. This parameter is not tested in production. It is guaranteed by design and device characterization.
Parameter
Min
Typ
Max
Unit
PT and PR:
Surge Current (See the Protection section.)
Output Drive (PT):
Drive Current
Negative Voltage Swing (IOUT + 10 mA)
Positive Voltage Swing (IOUT – 10 mA)
dc Bias Current
±15
VBAT1 + 4.5
VCCA – 3.5
600
VBAT1
VCCA
900
mA
V
V
µA
Output Drive (PR):
Positive (sink) Drive Current
Negative Voltage Swing (IOUT + 10 mA)
Positive Voltage Swing (IOUT – 10 mA)
dc Bias Current (VBAT2 = VBAT1 – 48 V)1
±15
VBAT1 + 4.5
VCCA – 3.5
–0.8
VBAT1
VCCA
–1.4
mA
V
V
mA
Output Short-circuit Transient Current2
Output Impedance (60 Hz—3.4 kHz)3
Output Load Resistance (dc or ac)3
Output Load Capacitance3
250
100
±125
1
mA
k
nF
XMT:
Output Drive Current
Output Voltage Swing (1 mA load):
Maximum
Minimum
Output Short-circuit dc Current
Output Impedance (60 Hz—3.4 kHz)3
Output Load dc Resistance3
Output Load ac Resistance
Output Load Capacitance3
±1
VBAT1
VBAT1 + 5
50
2
VCCA
2.5
±20
10
50
mA
V
V
mA
k
k
pF


Similar Part No. - LUCL8574DP-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL8575BP AGERE-LUCL8575BP Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
LUCL8575BP-TR AGERE-LUCL8575BP-TR Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
LUCL8576BP-D AGERE-LUCL8576BP-D Datasheet
583Kb / 26P
   Dual Ringing SLIC
LUCL8576BP-DT AGERE-LUCL8576BP-DT Datasheet
583Kb / 26P
   Dual Ringing SLIC
More results

Similar Description - LUCL8574DP-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
L8575 AGERE-L8575 Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com