Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8574D Datasheet(PDF) 7 Page - Agere Systems

Part # L8574D
Description  L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L8574D Datasheet(HTML) 7 Page - Agere Systems

Back Button L8574D Datasheet HTML 3Page - Agere Systems L8574D Datasheet HTML 4Page - Agere Systems L8574D Datasheet HTML 5Page - Agere Systems L8574D Datasheet HTML 6Page - Agere Systems L8574D Datasheet HTML 7Page - Agere Systems L8574D Datasheet HTML 8Page - Agere Systems L8574D Datasheet HTML 9Page - Agere Systems L8574D Datasheet HTML 10Page - Agere Systems L8574D Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Lucent Technologies Inc.
7
Data Sheet
October 1998
Relay, and Protector (SRP) for Long Loop and TR-57 Applications
L8574D Resistive Subscriber Line Interface Circuit (SLIC), Ring
Electrical Characteristics
In general, minimum and maximum values are testing requirements. However, some parameters may not be
tested in production because they are guaranteed by design and device characterization. Typical values reflect
the design center or nominal value of the parameter; they are for information only and are not a requirement. Mini-
mum and maximum values apply across the entire temperature range (–40
°C to +85 °C) and entire battery range
(–35 V to –60 V). Unless otherwise specified, typical is defined as 25
°C, VCCA and VDD = +5.0 V, VBAT1 and VBAT2 =
–48 V. Positive currents flow into the device.
Table 2. Operating Conditions and Powering
1. Not to exceed 26 grams of water per kilogram of dry air.
2. Includes current in all external resistors per Figure 15.
3. This parameter is not tested in production. It is guaranteed by design and device characterization.
4. VBAT1 and VBAT2 power supply rejection depends on the battery noise cancellation circuit. The performance stated here applies to VBAT2 only
during the talk state and VBAT1 only during the on-hook transmission state and assumes proper battery noise cancellation (see Figure 5).
Parameter
Min
Typ
Max
Unit
Temperature Range
–40
85
°C
Humidity Range
5
951
%RH
Supply Voltages:
VCCA
VDD
VBAT1
VBAT2
VCCA – VDD
4.6
4.6
–42.5
–20
5.0
5.0
–48
–48
5.5
5.5
–60
VBAT1
±0.5
V
V
V
V
V
Supply Currents (scan state; no loop current)2:
IVCCA + IVDD (+5 V)
IVBAT1 (–48 V) + IVBAT2 (–48 V)
3.0
–825
mA
µA
Supply Currents (talk or on-hook transmission state; no loop current)2:
IVCCA + IVDD (+5 V)
IVBAT1 (–48 V) + IVBAT2 (–48 V)
6.0
–4.5
mA
mA
Total Power Dissipation (no loop current)2
(VCCA and VDD = +5 V; VBAT1 and VBAT2 = –48 V):
Talk or On-hook Transmission State
Scan State
240
55
mW
mW
Power Supply Rejection (Tip/Ring)3:
VCCA (500 Hz—3 kHz; 50 mVrms ripple)
VDD (500 Hz—3 kHz; 50 mVrms ripple)
VBAT2 and VBAT1 (500 Hz—2 kHz; 50 mVrms ripple)4
VBAT2 and VBAT1 (2 kHz—3 kHz; 50 mVrms ripple)4
40
50
40
35
50
40
dB
dB
dB
dB
Thermal3:
Thermal Resistance (still air)
Operating Tjc
Thermal Shutdown Temperature
145
60
135
°C/W
°C
°C


Similar Part No. - L8574D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8575 AGERE-L8575 Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
More results

Similar Description - L8574D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
L8575 AGERE-L8575 Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com