Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTL7583CAJ-D Datasheet(PDF) 9 Page - Agere Systems

Part # ATTL7583CAJ-D
Description  Line Card Access Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7583CAJ-D Datasheet(HTML) 9 Page - Agere Systems

Back Button ATTL7583CAJ-D Datasheet HTML 5Page - Agere Systems ATTL7583CAJ-D Datasheet HTML 6Page - Agere Systems ATTL7583CAJ-D Datasheet HTML 7Page - Agere Systems ATTL7583CAJ-D Datasheet HTML 8Page - Agere Systems ATTL7583CAJ-D Datasheet HTML 9Page - Agere Systems ATTL7583CAJ-D Datasheet HTML 10Page - Agere Systems ATTL7583CAJ-D Datasheet HTML 11Page - Agere Systems ATTL7583CAJ-D Datasheet HTML 12Page - Agere Systems ATTL7583CAJ-D Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Lucent Technologies Inc.
9
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Electrical Characteristics (continued)
Table 12. Additional Electrical Characteristics
* Temperature shutdown flag (TSD) will be high during normal operation and low during temperature shutdown state.
Zero Cross Current Turn Off
The ring access switch (SW8) is designed to turn off on the next zero current crossing after application of the
appropriate logic input control. This switch requires a current zero cross to turn off. Switch 8, once on, will remain
in the ON state (regardless of logic input) until a current zero cross. Therefore, to ensure proper operation of switch
8, this switch should be connected, via proper impedance, to the ringing generator or some other ac source. Do
not attempt to switch pure dc with switch 8. The ringing test access switch, SW6, also has similar characteristics to
switch 8 and should also only be used to switch signals with zero current crossings. For a detailed explanation of
the operation of switches 6 and 8, please refer to the
An Introduction to L758X Series of Line Card Access
Switches Application Note.
Parameter
Test Condition
Measure
Min
Typ
Max Unit
Digital Input Characteristics:
Input Low Voltage
——
1.5
V
Input High Voltage
3.5
V
Input Leakage Current (high)
VDD = 5.5 V, VBAT = –75 V,
Vlogicin = 5 V
llogicin
1
µA
Input Leakage Current (low)
VDD = 5.5 V, VBAT = –75 V,
Vlogicin = 0 V
llogicin
1
µA
Power Requirements:
Power Dissipation
VDD = 5 V, VBAT = –48 V,
idle/talk state or all OFF state,
ringing state or access state
IDD, IBAT
IDD
3
6
5
10
mW
mW
VDD Current
VDD = 5 V,
idle/talk state or all OFF state,
ringing state or access state
IDD
IDD
560
0.750
900
1.9
µA
mA
VBAT Current
VBAT = –48 V,
idle/talk state or all OFF state,
ringing state or access state
IBAT
IBAT
4
4
10
10
µA
µA
Digital Input Characteristics:
Input Low Voltage
1.5
V
Input High Voltage
3.5
V
Input Leakage Current (high)
VDD = 5.5 V, VBAT = –58 V,
Vlogicin = 5 V
llogicin
1
µA
Input Leakage Current (low)
VDD = 5.5 V, VBAT = –58 V,
Vlogicin = 0 V
llogicin
1
µA
Temperature Shutdown Requirements*:
Shutdown Activation Temperature
110
125
150
°C
Shutdown Circuit Hysteresis
10
25
°C


Similar Part No. - ATTL7583CAJ-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7583AAJ ETC1-ATTL7583AAJ Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
ATTL7583ACG ETC1-ATTL7583ACG Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
ATTL7583AF ETC1-ATTL7583AF Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
ATTL7583BAJ ETC1-ATTL7583BAJ Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
ATTL7583BCG ETC1-ATTL7583BCG Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7583CAJ-D

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com