Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2587P43 Datasheet(PDF) 11 Page - Agere Systems

Part # D2587P43
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2587P43 Datasheet(HTML) 11 Page - Agere Systems

Back Button D2587P43 Datasheet HTML 6Page - Agere Systems D2587P43 Datasheet HTML 7Page - Agere Systems D2587P43 Datasheet HTML 8Page - Agere Systems D2587P43 Datasheet HTML 9Page - Agere Systems D2587P43 Datasheet HTML 10Page - Agere Systems D2587P43 Datasheet HTML 11Page - Agere Systems D2587P43 Datasheet HTML 12Page - Agere Systems D2587P43 Datasheet HTML 13Page - Agere Systems D2587P43 Datasheet HTML 14Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet, Rev. 2
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
July 2001
Locker)/D2547P-Type Isolated DFB Laser Modules
11
Agere Systems Inc.
D2587P879
187.9
1595.49
108836339
D2587P870
187.0
1603.17
108835950
D2587P8785
187.85
1595.91
108875840
D2587P8695
186.95
1603.60
108875758
D2587P878
187.8
1596.34
108836321
D2587P869
186.9
1604.03
108835943
D2587P8775
187.75
1596.76
108875832
D2587P8685
186.85
1604.46
108875741
D2587P877
187.7
1597.19
108836313
D2587P868
186.8
1604.88
108835935
D2587P8765
187.65
1597.62
108875824
D2587P8675
186.75
1605.31
108875733
D2587P876
187.6
1598.04
108836016
D2587P867
186.7
1605.74
108835927
D2587P8755
187.55
1598.47
108875816
D2587P8665
186.65
1606.17
108875725
D2587P875
187.5
1598.89
108836008
D2587P866
186.6
1606.60
108835919
D2587P8745
187.45
1599.32
108875808
D2587P8655
186.55
1607.04
108875717
D2587P874
187.4
1599.75
108835992
D2587P865
186.5
1607.47
108835901
D2587P8735
187.35
1600.17
108875790
D2587P8645
186.45
1607.90
108875709
D2587P873
187.3
1600.60
108835984
D2587P864
186.4
1608.33
108835893
D2587P8725
187.25
1601.03
108875782
D2587P8635
186.35
1608.76
108875691
D2587P872
187.2
1601.46
108835976
D2587P863
186.3
1609.19
108835885
D2587P8715
187.15
1601.88
108875774
D2587P8625
186.25
1609.62
108875683
D2587P871
187.1
1602.31
108835968
D2587P862
186.2
1610.06
108835877
D2587P8705
187.05
1602.74
108875766
Table 7. D2587P 20 mW CW Laser with Locker (C- and L-Band) Ordering Information (continued)
Device
Code
ITU-T
Frequency
(THz)
Center
Wavelength
(nm)
Comcode
Device
Code
ITU-T
Frequency
(THz)
Center
Wavelength
(nm)
Comcode
Ordering Information (continued)


Similar Part No. - D2587P43

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D2580 SANYO-D2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
D2581 SANYO-D2581 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Toshiba Semiconductor
D2586 TOSHIBA-D2586 Datasheet
211Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
More results

Similar Description - D2587P43

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com