Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1103000-3 Datasheet(PDF) 86 Page - Tyco Electronics

Part # 2-1103000-3
Description  Industrie-Steckverbinder Heavy Duty Connectors
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1103000-3 Datasheet(HTML) 86 Page - Tyco Electronics

Back Button 2-1103000-3 Datasheet HTML 82Page - Tyco Electronics 2-1103000-3 Datasheet HTML 83Page - Tyco Electronics 2-1103000-3 Datasheet HTML 84Page - Tyco Electronics 2-1103000-3 Datasheet HTML 85Page - Tyco Electronics 2-1103000-3 Datasheet HTML 86Page - Tyco Electronics 2-1103000-3 Datasheet HTML 87Page - Tyco Electronics 2-1103000-3 Datasheet HTML 88Page - Tyco Electronics 2-1103000-3 Datasheet HTML 89Page - Tyco Electronics 2-1103000-3 Datasheet HTML 90Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
84
Bezeichnung
Description
2-1103008-3
2-1103009-3
HD.24.Sti.C
HD.24.BU.C
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HD.24 Kontakteinsätze/Contact inserts
Baugröße/Size 4
Crimpanschluss für gestanzte HD-M Crimpkontakte
Crimp terminal for stamped HD-M crimp contacts
Kontaktzahlen
No. of contacts
250 V/10 A
24 +
Passende Crimpkontakte siehe Seite 35, Passende Crimpwerkzeuge siehe Seite 35
Suitable Crimp contacts see page 35, Suitable Crimping tools see page 35
Montageausschnitt
Panel cut-out
M3
M3x10
64
57
48
57
64
33
27
2-1103008-3
M3
M3x10
64
48
57
64
57
33
27
2-1103009-3
57
63
27
33
M3x10
35
19,8
1
10
5
14
36 27 20
M3
50
57
65
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Crimpanschluss/Crimp terminal
Maßbild mm
Dimensions mm
Sti
Bu
M3x10
*19,5
A
B
C
D
E
27
*Abstand für sichere Kontaktgabe max. 21 mm
Sti
Bu
M3x10
A
B
C
D
E
16
*22,3
*Abstand für sichere Kontaktgabe max. 24 mm
Kontaktanordnung Anschlußseite Stift
Contact arrangement Male insert
Kontaktanordnung Anschlußseite Buchse
Contact arrangement Female insert
Maße/Dimensions
AB
C
DE
mm
57
64
33
35
35


Similar Part No. - 2-1103000-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1103004-3 MACOM-2-1103004-3 Datasheet
35Kb / 1P
   Male insert HD.15 Stifteinsatz HD.15
2-1103005-3 MACOM-2-1103005-3 Datasheet
35Kb / 1P
   Male insert HD.15 Stifteinsatz HD.15
2-1103006-3 MACOM-2-1103006-3 Datasheet
33Kb / 1P
   Male insert HD.15 Stifteinsatz HD.16
2-1103007-3 MACOM-2-1103007-3 Datasheet
33Kb / 1P
   None
More results

Similar Description - 2-1103000-3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C146 AMPHENOL-C146 Datasheet
1Mb / 16P
   Heavy Duty Connectors Core Programme
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
   Heavy Duty Clip
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
OEN India Limited
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
   Heavy Duty Flashlight
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
   SUPER HEAVY DUTY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com