Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7585G Datasheet(PDF) 6 Page - Agere Systems

Part # L7585G
Description  Full-Feature,Low-Power SLIC and Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7585G Datasheet(HTML) 6 Page - Agere Systems

Back Button L7585G Datasheet HTML 2Page - Agere Systems L7585G Datasheet HTML 3Page - Agere Systems L7585G Datasheet HTML 4Page - Agere Systems L7585G Datasheet HTML 5Page - Agere Systems L7585G Datasheet HTML 6Page - Agere Systems L7585G Datasheet HTML 7Page - Agere Systems L7585G Datasheet HTML 8Page - Agere Systems L7585G Datasheet HTML 9Page - Agere Systems L7585G Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Agere Communications Inc.
Data Sheet
September 2001
L7585G Full-Feature, Low-Power SLIC and Switch
Pin Information (continued)
Table 1. Pin Descriptions (continued)
Note: On the printed-wiring board (PWB), make the leads to BGND and VBAT as wide as possible for thermal and electrical reasons. Also, max-
imize the amount of PWB copper on all leads connected to this device for the lowest operating temperature.
Pin
Symbol
Type
Name/Function
22
B4
I
Bit 4. B0—B5 determine the state of the SLIC. See Operating States.
23
B3
I
Bit 3. B0—B5 determine the state of the SLIC. See Operating States.
24
B2
I
Bit 2. B0—B5 determine the state of the SLIC. See Operating States.
25
B1
I
Bit 1. B0—B5 determine the state of the SLIC. See Operating States.
26
B0
I
Bit 0. B0—B5 determine the state of the SLIC. See Operating States.
27
VCCD
+5 V Digital dc Supply. +5 V supply for logic and switch circuitry.
28
DGND
Digital Ground. Ground return for VCCD.
29
VBAT
Battery Supply. Negative high-voltage power supply.
30
BGND
Battery Ground. Ground return for the battery (VBAT) supply.
31
ITR
I
Tip/Ring Current. A current output which is proportional to the differential current flowing
from tip to ring. Connect a resistor from this pin to VITR.
32
VITR
O
Tip/Ring Voltage Output. The voltage at this output is directly proportional to the differ-
ential tip/ring current. A resistor from this pin to ITR sets the gain.
33
TXI
I
Transmit ac Input. Connect a 0.1 µF capacitor from this pin to VITR.
34
VTX
O
Transmit ac Output Voltage. The ac voltage at this output is 7.2 times the ac voltage at
pin TXI. The dc voltage is equal to the dc voltage on pin VRTX.
35
VRTX
O
Transmit ac Reference Voltage. The dc voltage at this output (2.4 V nominal) is the dc
reference for the transmit signal output VTX.
36
RCVP
I
Receive ac Signal Input (Noninverting). This high-impedance input controls the ac dif-
ferential voltage on tip and ring.
37
RCVN
I
Receive ac Signal Input (Inverting). This high-impedance input controls the ac differen-
tial voltage on tip and ring.
38
AGND
Analog Ground. Ground return for VCCA.
39
VCCA
+5 V Analog dc Supply. +5 V supply for analog circuitry.
40
LCTH
I
Loop Closure Threshold Input. Connect a resistor to DCOUT to set the off-hook thresh-
old.
41
IPROG
I
Current-Limit Program Input. A resistor to DCOUT sets the dc current limit.
42
DCOUT
O
dc Output. This output is a voltage that is directly proportional to the differential
tip/ring current.
43
DCR
I
dc Resistance. Ground for dc feed resistance of 180
Ω, or short to DCOUT for 600 Ω. In-
termediate values can be set with a resistor divider from DCOUT to ground, the tap of which
is connected to DCR.
44
CF2
I/O
Filter Capacitor 2. Connect a 0.1 µF, 100 V capacitor from this pin to AGND and a
0.22 µF, 100 V capacitor from this pin to pin CF1.


Similar Part No. - L7585G

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
More results

Similar Description - L7585G

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Agere Systems
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
logo
Intersil Corporation
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
L9311 AGERE-L9311 Datasheet
852Kb / 50P
   Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
logo
Axiomtek Co., Ltd.
EBOX830-822-FL AXIOMTEK-EBOX830-822-FL Datasheet
359Kb / 1P
   Full feature I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com