Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7554 Datasheet(PDF) 1 Page - Agere Systems

Part # L7554
Description  L7554 Low-Power SLIC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7554 Datasheet(HTML) 1 Page - Agere Systems

  L7554 Datasheet HTML 1Page - Agere Systems L7554 Datasheet HTML 2Page - Agere Systems L7554 Datasheet HTML 3Page - Agere Systems L7554 Datasheet HTML 4Page - Agere Systems L7554 Datasheet HTML 5Page - Agere Systems L7554 Datasheet HTML 6Page - Agere Systems L7554 Datasheet HTML 7Page - Agere Systems L7554 Datasheet HTML 8Page - Agere Systems L7554 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
March 1997
L7554 Low-Power SLIC
Features
s
Low active power (typical 165 mW during on-hook
transmission)
s
Sleep state for low idle power (76 mW)
s
Quiet Tip/Ring polarity reversal
s
Supports meter pulse injection
s
Spare op amp for meter pulse filtering
s
–24 V to –72 V power supply operation
s
Distortion-free on-hook transmission
s
Convenient operating states:
— Forward powerup
— Polarity reversal powerup
— Forward low-power scan
— Polarity reversal low-power scan
— Ground start
— Disconnect (high impedance)
s
Adjustable supervision functions:
— Off-hook detector with longitudinal rejection
— Ground key detector
— Ring trip detector
s
Independent, adjustable, dc and ac parameters:
— dc feed resistance
— Loop current limit
— Termination impedance
s
Thermal protection
Description
This electronic subscriber loop interface circuit
(SLIC) is optimized for low-power consumption while
providing an extensive set of features.
Quiet polarity reversal is possible because the ac
path is uninterrupted during transition.
The L7554 includes the ground start state and a
summing node for meter pulse injection to 2.2 Vrms.
A spare, uncommitted op amp is included for meter
pulse filtering.
The device is being offered in two versions, based
upon maximum battery. The L7554AP is guaranteed
to –60 V, and the L7554BP is guaranteed to –72 V.
The device is available in a 44-pin PLCC package. It
is built by using a 90 V complementary bipolar
(CBIC) process.


Similar Part No. - L7554

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7551-21 HAMAMATSU-L7551-21 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-22 HAMAMATSU-L7551-22 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-23 HAMAMATSU-L7551-23 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-32 HAMAMATSU-L7551-32 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-44 HAMAMATSU-L7551-44 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
More results

Similar Description - L7554

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com