Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D571C21N Datasheet(PDF) 3 Page - Agere Systems

Part # D571C21N
Description  D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D571C21N Datasheet(HTML) 3 Page - Agere Systems

  D571C21N Datasheet HTML 1Page - Agere Systems D571C21N Datasheet HTML 2Page - Agere Systems D571C21N Datasheet HTML 3Page - Agere Systems D571C21N Datasheet HTML 4Page - Agere Systems D571C21N Datasheet HTML 5Page - Agere Systems D571C21N Datasheet HTML 6Page - Agere Systems D571C21N Datasheet HTML 7Page - Agere Systems D571C21N Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advance Data Sheet
D571-Type Digital 1.5
µm Uncooled DFB
April 2000
FastLight Laser Module
3
Lucent Technologies Inc.
Handling Precautions
CAUTION: This device is susceptible to damage as a result of electrostatic discharge (ESD). Take proper
precautions during both handling and testing. Follow guidelines such as JEDEC Publication
No. 108-A (Dec. 1988).
Although protection circuitry is designed into the device, take proper precautions to avoid exposure to ESD.
Electro-Optical Characteristics
* 1mW power option also available. See Table 4 for more information.
† BOL value; EOL = 80 mA.
‡ The slope efficiency is used to calculate the modulation current for a desired output power. This modulation current plus the threshold current
comprise the total operating current for the device.
§ VR = reverse voltage.
Table 2. Electro-Optical Characteristics (over operating temperature range unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Temperature
Range
T
–40
85
°C
Optical Output Power*
PF
CW, nominal
2
mW
Threshold Current
ITH
T = 25
°C
T = full range
T = –10
°C to + 70 °C
5
2
2
15
60
50
mA
mA
mA
Modulation Current
IMOD
CW, PF = 2.0 mW, T = 25
°C
CW, IMON = constant,
T = full range
15
7.5
35
60
mA
mA
Slope Efficiency
SE
CW, PF = 2.0 mW, T = 25
°C
57
133
µW/mA
Center Wavelength
λC
PF = 2.0 mW, CW
1525
1570
nm
Center Wavelength
1510 nm codes
λC
PF = 2.0 mW, CW
1500
1520
nm
Spectral Width (–20 dB)
∆λ
PF = 2.0 mW, 622 Mbits/s
1
nm
Side-mode Suppression
Ratio
SMSR
CW, PF = 2.0 mW
30
40
dB
Tracking Error
TE
IMON = constant, CW
–1.5
1.5
dB
Spontaneous Emission
PTH
I = (0.9) ITH
100
µW
Rise/Fall Times
tR, tF
10%—90% pulse
T = 25
°C
0.25
0.5
ns
Forward Voltage
VF
CW
1.1
1.6
V
Input Impedance
R
3
8
Monitor Current
IMON
V= 5 V
100
1000
µA
Monitor Dark Current
ID
V= 5 V
10
200
nA
Wavelength Tempera-
ture Coefficient
0.09
0.12
nm/
°C


Similar Part No. - D571C21N

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D571C21N

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com