Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW801A Datasheet(PDF) 8 Page - Agere Systems

Part # FW801A
Description  Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW801A Datasheet(HTML) 8 Page - Agere Systems

Back Button FW801A Datasheet HTML 4Page - Agere Systems FW801A Datasheet HTML 5Page - Agere Systems FW801A Datasheet HTML 6Page - Agere Systems FW801A Datasheet HTML 7Page - Agere Systems FW801A Datasheet HTML 8Page - Agere Systems FW801A Datasheet HTML 9Page - Agere Systems FW801A Datasheet HTML 10Page - Agere Systems FW801A Datasheet HTML 11Page - Agere Systems FW801A Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Agere Systems Inc.
FW801A Low-Power PHY IEEE 1394A-2000
Data Sheet, Rev. 1
One-Cable Transceiver/Arbiter Device
June 2001
Signal Information (continued)
Table 1. Signal Descriptions (continued)
* Active-low signals are indicated by “/” at the beginning of signal names, within this document.
Pin
Signal*
Type
Name/Description
14
LPS
I
Link Power Status. LPS is connected to either the VDD supplying the
LLC or to a pulsed output that is active when the LLC is powered for the
purpose of monitoring the LLC power status. If LPS is inactive for more
than 1.2
µs and less than 25 µs, interface is reset. If LPS is inactive for
greater than 25
µs, the PHY will disable the PHY/Link interface to save
power. FW801A continues its repeater function.
48
LREQ
I
Link Request. LREQ is an output from the LLC that requests the PHY to
perform some service. Bus-keeper circuitry is built into this terminal.
18
PD
I
Powerdown. When asserted high, PD turns off all internal circuitry except
the bias-detect circuits that drive the CNA signal. Internal FW801A logic is
kept in the reset state as long as PD is asserted. PD terminal is provided
for backward compatibility. It is recommended that the FW801A be
allowed to manage its own power consumption using suspend/resume in
conjunction with LPS. C/LKON features are defined in 1394a-2000.
41
PLLVDD
Power for PLL Circuit. PLLVDD supplies power to the PLL circuitry
portion of the device.
42
PLLVSS
Ground for PLL Circuit. PLLVSS is tied to a low-impedance ground
plane.
37
R0
I
Current Setting Resistor. An internal reference voltage is applied to a
resistor connected between R0 and R1 to set the operating current and
the cable driver output current. A low temperature-coefficient resistor
(TCR) with a value of 2.49 k
Ω ± 1% should be used to meet the
IEEE 1394-1995 standard requirements for output voltage limits.
38
R1
45
/RESET
I
Reset (Active-Low). When /RESET is asserted low (active), the FW801A
is reset. An internal pull-up resistor, which is connected to VDD, is provided,
so only an external delay capacitor is required. This input is a standard
logic buffer and can also be driven by an open-drain logic output buffer.
23
SE
I
Test Mode Control. SE is used during the manufacturing test and should
be tied to VSS.
24
SM
I
Test Mode Control. SM is used during the manufacturing test and should
be tied to VSS.
46
SYSCLK
O
System Clock. SYSCLK provides a 49.152 MHz clock signal, which is
synchronized with the data transfers to the LLC.
31
TPA0+
Analog I/O Portn, Port Cable Pair A. TPAn is the port A connection to the twisted-pair
cable. Board traces from each pair of positive and negative differential
signal pins should be kept matched and as short as possible to the external
load resistors and to the cable connector.
30
TPA0
Analog I/O Portn, Port Cable Pair A. TPAn is the port A connection to the twisted-pair
cable. Board traces from each pair of positive and negative differential
signal pins should be kept matched and as short as possible to the external
load resistors and to the cable connector.
29
TPB0+
Analog I/O Portn, Port Cable Pair B. TPBn is the port B connection to the twisted-pair
cable. Board traces from each pair of positive and negative differential
signal pins should be kept matched and as short as possible to the external
load resistors and to the cable connector.


Similar Part No. - FW801A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW801 AGERE-FW801 Datasheet
369Kb / 22P
   One-Cable Transceiver/Arbiter Device
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW801BF-09-DB AGERE-FW801BF-09-DB Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
More results

Similar Description - FW801A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW802A AGERE-FW802A Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com