Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7064-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7064-20
Description  20 dB DC Bias Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts From 500 MHz To 2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7064-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7064-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7064-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7064-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
20 dB DC Bias Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts From 500 MHz To 2 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB DC Bias Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts From
500 MHz To 2 GHz PE7064-20
URL: http://www.pasternack.com/20db-dc-bias-f-male-f-female-2-watts-attenuator-pe7064-20-p.aspx
PE7064-20
PE7064-20 REV
20 dB DC Bias Attenuator, 75 F Male To 75 F Female Brass
Nickel Body Rated To 2 Watts From 500 MHz To 2 GHz


Similar Part No. - PE7064-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7064-10 PASTERNACK-PE7064-10 Datasheet
213Kb / 3P
   10 dB DC Bias Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7064-6 PASTERNACK-PE7064-6 Datasheet
213Kb / 3P
   6 dB DC Bias Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts From 500 MHz To 2 GHz
More results

Similar Description - PE7064-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7064-6 PASTERNACK-PE7064-6 Datasheet
213Kb / 3P
   6 dB DC Bias Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7064-10 PASTERNACK-PE7064-10 Datasheet
213Kb / 3P
   10 dB DC Bias Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7057-2 PASTERNACK-PE7057-2 Datasheet
210Kb / 3P
   2 dB Fixed Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts Up To 1 GHz
PE7057-3 PASTERNACK-PE7057-3 Datasheet
210Kb / 3P
   3 dB Fixed Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts Up To 1 GHz
PE7057-10 PASTERNACK-PE7057-10 Datasheet
209Kb / 3P
   10 dB Fixed Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts Up To 1 GHz
PE7057-1 PASTERNACK-PE7057-1 Datasheet
210Kb / 3P
   1 dB Fixed Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts Up To 1 GHz
PE7057-6 PASTERNACK-PE7057-6 Datasheet
210Kb / 3P
   6 dB Fixed Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts Up To 1 GHz
PE7057-2 PASTERNACK-PE7057-2_16 Datasheet
233Kb / 3P
   2 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7050-20 PASTERNACK-PE7050-20 Datasheet
212Kb / 3P
   20 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7050-2 PASTERNACK-PE7050-2 Datasheet
212Kb / 3P
   2 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com