Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP16410C Datasheet(PDF) 14 Page - Agere Systems

Part # DSP16410C
Description  DSP1629 Digital Signal Processor
Download  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP16410C Datasheet(HTML) 14 Page - Agere Systems

Back Button DSP16410C Datasheet HTML 10Page - Agere Systems DSP16410C Datasheet HTML 11Page - Agere Systems DSP16410C Datasheet HTML 12Page - Agere Systems DSP16410C Datasheet HTML 13Page - Agere Systems DSP16410C Datasheet HTML 14Page - Agere Systems DSP16410C Datasheet HTML 15Page - Agere Systems DSP16410C Datasheet HTML 16Page - Agere Systems DSP16410C Datasheet HTML 17Page - Agere Systems DSP16410C Datasheet HTML 18Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 373 page
background image
Data Addendum
May 2001
DSP16410C Digital Signal Processor
Agere Systems Inc.
14
6 Device Characteristics (continued)
6.3 Recommended Operating Conditions
The ratio of the instruction cycle rate to the input clock frequency is 1:1 without the PLL and
((M + 2)/((D + 2) * f(OD))):1 with the PLL selected. The maximum input clock (CKI pin) frequency when the PLL
is not selected as the device clock source is 50 MHz. The maximum input clock frequency is 40 MHz when
the PLL is selected.
6.3.1 Package Thermal Considerations
The maximum allowable ambient temperature, TAMAX, is dependent upon the device power dissipation and is deter-
mined by the following equation:
TAMAX = TJMAX – PMAX x
ΘJA
Where PMAX is the maximum device power dissipation for the application, TJMAX is the maximum device junction
temperature specified in Table 6, and
ΘJA is the maximum thermal resistance in still-air-ambient specified in
Table 6. See Section 7.3 for information on determining the maximum device power dissipation.
WARNING: Due to package thermal constraints, proper precautions in the user's application should be
taken to avoid exceeding the maximum junction temperature of 120
°C. Otherwise, the device
performance and reliability is adversely affected.
Table 5. Recommended Operating Conditions
Maximum
Internal Clock
(CLK) Frequency
Minimum
Internal Clock
(CLK) Period T
Junction
Temperature TJ (
°C)
Supply Voltage
VDD1, VDD1A (V)
Supply Voltage
VDD2 (V)
Min
Max
Min
Max
Min
Max
200 MHz
5.0 ns
–40
120
1.5
1.65
3.0
3.6
Table 6. Package Thermal Considerations
Device Package
Parameter
Value
Unit
208 PBGA
Maximum Junction Temperature (TJMAX)
120
°C
208 PBGA
Maximum Thermal Resistance in Still-Air-Ambient (
ΘJA)27
°C/W
256 EBGA
Maximum Junction Temperature (TJMAX)
120
°C
256 EBGA
Maximum Thermal Resistance in Still-Air-Ambient (
ΘJA)15
°C/W


Similar Part No. - DSP16410C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP16410CG AGERE-DSP16410CG Datasheet
4Mb / 314P
   DSP16410CG Digital Signal Processor
More results

Similar Description - DSP16410C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP1629 AGERE-DSP1629 Datasheet
1Mb / 126P
   DSP1629 Digital Signal Processor
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com